Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2MBI1200U4G-170 Datasheet(PDF) 4 Page - Fuji Electric

Part # 2MBI1200U4G-170
Description  IGBT MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI1200U4G-170 Datasheet(HTML) 4 Page - Fuji Electric

  2MBI1200U4G-170 Datasheet HTML 1Page - Fuji Electric 2MBI1200U4G-170 Datasheet HTML 2Page - Fuji Electric 2MBI1200U4G-170 Datasheet HTML 3Page - Fuji Electric 2MBI1200U4G-170 Datasheet HTML 4Page - Fuji Electric 2MBI1200U4G-170 Datasheet HTML 5Page - Fuji Electric 2MBI1200U4G-170 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
2MBI1200U4G-170
4
IGBT Modules
Forward current vs. Forward on voltage (typ.)
chip
Reverse recovery characteristics (typ.)
Vcc=900V, VGE=±15V, Rgon=4.7Ω, Tj=125°C
Transient thermal resistance (max.)
0
400
800
1200
1600
2000
2400
2800
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Forward on voltage : VF [V]
Tj=25°C
Tj=125°C
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0
400
800
1200
1600
2000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Forward current : IF [A]
trr
Irr
0.0001
0.0010
0.0100
0.1000
0.001
0.010
0.100
1.000
Pulse width : Pw [sec]
FWD
IGBT


Similar Part No. - 2MBI1200U4G-170

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI1200U4G-120 FUJI-2MBI1200U4G-120 Datasheet
581Kb / 6P
   IGBT MODULE (U series) 1200V / 1200A / 2 in one package
More results

Similar Description - 2MBI1200U4G-170

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com