Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2MBI800U4G-170 Datasheet(PDF) 1 Page - Fuji Electric

Part # 2MBI800U4G-170
Description  IGBT MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI800U4G-170 Datasheet(HTML) 1 Page - Fuji Electric

  2MBI800U4G-170 Datasheet HTML 1Page - Fuji Electric 2MBI800U4G-170 Datasheet HTML 2Page - Fuji Electric 2MBI800U4G-170 Datasheet HTML 3Page - Fuji Electric 2MBI800U4G-170 Datasheet HTML 4Page - Fuji Electric 2MBI800U4G-170 Datasheet HTML 5Page - Fuji Electric 2MBI800U4G-170 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
2MBI800U4G-170
IGBT Modules
IGBT MODULE (U series)
1700V / 800A / 2 in one package
Features
High speed switching
Voltage drive
Low Inductance module structure
Applications
Inverter for Motor Drive
AC and DC Servo Drive Amplifier
Uninterruptible Power Supply
Industrial machines, such as Welding machines
Maximum Ratings and Characteristics
Absolute Maximum Ratings (at Tc=25°C unless otherwise specified)
Items
Symbols
Conditions
Maximum ratings
Units
Collector-Emitter voltage
VCES
1700
V
Gate-Emitter voltage
VGES
±20
V
Collector current
Ic
Continuous
Tc=25°C
1200
A
Tc=80°C
800
Icp
1ms
Tc=25°C
2400
Tc=80°C
1600
-Ic
800
-Ic pulse
1ms
1600
Collector power dissipation
Pc
1 device
4800
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-40 to +125
Isolation voltage between terminal and copper base (*1) Viso
AC : 1min.
3400
VAC
Screw torque (*2)
Mounting
5.75
N m
Main Terminals
10
Sense Terminals
2.5
Note *1: All terminals should be connected together when isolation test will be done.
Note *2: Recommendable value : Mounting : 4.25-5.75 Nm (M6), Main Terminals : 8-10 Nm (M8), Sense Terminals : 1.7-2.5 Nm (M4)
Electrical characteristics (at Tj= 25°C unless otherwise specified)
Items
Symbols
Conditions
Characteristics
Units
min.
typ.
max.
Zero gate voltage collector current
ICES
VGE = 0V, VCE = 1700V
-
-
1.0
mA
Gate-Emitter leakage current
IGES
VCE = 0V, VGE = ±20V
-
-
1600
nA
Gate-Emitter threshold voltage
VGE (th)
VCE = 20V, IC = 800mA
5.5
6.5
7.5
V
Collector-Emitter saturation voltage
VCE (sat)
(main terminal) VGE = 15V
IC = 800A
Tj=25°C
-
2.47
2.64
V
Tj=125°C
-
2.87
-
VCE (sat)
(chip)
Tj=25°C
-
2.25
2.40
Tj=125°C
-
2.65
-
Input capacitance
Cies
VCE = 10V, VGE = 0V, f = 1MHz
-
75
-
nF
Turn-on time
ton
VCC = 900V, IC = 800A,
VGE = ±15V, Tj = 125°C,
Rgon = 8.2Ω, Rgoff = 3Ω
-
3.10
-
µs
tr
-
1.25
-
Turn-off time
toff
-
1.45
-
tf
-
0.25
-
Forward on voltage
VF
(main terminal) VGE = 0V
IF = 800A
Tj=25°C
-
2.02
2.39
V
Tj=125°C
-
2.22
-
VF
(chip)
Tj=25°C
-
1.80
2.15
Tj=125°C
-
2.00
-
Reverse recovery time
trr
IF = 800A
-
0.45
-
µs
Lead resistance, terminal-chip (*3)
R lead
-
0.27
-
mΩ
Note *3: Biggest internal terminal resistance among arm.
Thermal resistance characteristics
Items
Symbols
Conditions
Characteristics
Units
min.
typ.
max.
Thermal resistance (1device)
Rth(j-c)
IGBT
-
-
0.026
°C/W
FWD
-
-
0.045
Contact thermal resistance (1device)
Rth(c-f)
with Thermal Compound (*4)
-
0.006
-
Note *4: This is the value which is defined mounting on the additional cooling fin with thermal compound.


Similar Part No. - 2MBI800U4G-170

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI800U4G-120 FUJI-2MBI800U4G-120 Datasheet
615Kb / 6P
   IGBT MODULE (U series) 1200V / 800A / 2 in one package
More results

Similar Description - 2MBI800U4G-170

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com