Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14C88-3NF45I Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # STK14C88-3NF45I
Description  256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-3NF45I Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button STK14C88-3NF45I Datasheet HTML 4Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 5Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 6Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 7Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 8Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 9Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 10Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 11Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
STK14C88-3
Document Number: 001-50592 Rev. *D
Page 8 of 18
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. These user guidelines are not tested.
Storage Temperature ................................. –65
°C to +150°C
Temperature under bias.............................. –55
°C to +125°C
Supply Voltage on VCC Relative to GND ..........–0.5V to 7.0V
Voltage on Input Relative to Vss............ –0.6V to VCC + 0.5V
Voltage on DQ0-7 or HSB .......................–0.5V to Vcc + 0.5V
Power Dissipation ......................................................... 1.0W
DC output Current (1 output at a time, 1s duration) .... 15 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
3.0V to 3.6V
Industrial
-40
°C to +85°C
3.0V to 3.6V
DC Electrical Characteristics
Over the operating range (VCC = 3.0V to 3.6V) [6]
Parameter
Description
Test Conditions
Min
Max Unit
ICC1
Average VCC Current tRC = 35 ns
tRC = 45 ns
Dependent on output loading and cycle rate. Values
obtained without output loads.
IOUT = 0 mA.
Commercial
50
42
mA
mA
Industrial
52
44
mA
mA
ICC2
Average VCC Current
during STORE
All Inputs Do Not Care, VCC = Max
Average current for duration tSTORE
3
mA
ICC3
Average VCC Current
at tRC= 200 ns, 5V,
25°C Typical
WE > (VCC – 0.2V). All other inputs cycling.
Dependent on output loading and cycle rate. Values obtained without
output loads.
9
mA
ICC4
Average VCAP Current
during AutoStore
Cycle
All Inputs Do Not Care, VCC = Max
Average current for duration tSTORE
2
mA
ISB1[7]
Average VCC Current
(Standby, Cycling TTL
Input Levels)
tRC=35ns, CE > VIH
tRC=45ns, CE > VIH
Commercial
18
16
mA
Industrial
19
17
mA
ISB2[7]
VCC Standby Current
(Standby, Stable
CMOS Input Levels)
CE > (VCC – 0.2V). All others VIN < 0.2V or > (VCC – 0.2V).
1
mA
IIX
Input Leakage Current VCC = Max, VSS < VIN < VCC
-1
+1
μA
IOZ
Off State Output
Leakage Current
VCC = Max, VSS < VIN < VCC, CE or OE > VIH or WE < VIL
-1
+1
μA
VIH
Input HIGH Voltage
2.2
VCC +
0.5
V
VIL
Input LOW Voltage
VSS
0.5
0.8
V
VOH
Output HIGH Voltage IOUT = –4 mA except HSB
2.4
V
VOL
Output LOW Voltage IOUT = 8 mA except HSB
0.4
V
VBL
Logic ‘0’ Voltage on
HSB output
IOUT = 3 mA
0.4
V
VCAP
Storage Capacitor
Between VCAP pin and Vss, 68 to 220uF +20%, 4.7V rated.
54
264
uF
Notes
6. VCC reference levels throughout this data sheet refer to VCC if that is where the power supply connection is made, or VCAP if VCC is connected to ground.
7. CE > VIH will not produce standby current levels until any nonvolatile cycle in progress has timed out.
[+] Feedback
[+] Feedback


Similar Part No. - STK14C88-3NF45I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88-3NF45I ETC-STK14C88-3NF45I Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
logo
Simtek Corporation
STK14C88-3NF45I SIMTEK-STK14C88-3NF45I Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3NF45I SIMTEK-STK14C88-3NF45I Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3NF45I CYPRESS-STK14C88-3NF45I Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK14C88-3NF45ITR SIMTEK-STK14C88-3NF45ITR Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
More results

Similar Description - STK14C88-3NF45I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com