Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1MBH50-060 Datasheet(PDF) 1 Page - Fuji Electric

Part # 1MBH50-060
Description  600V / 50A Molded Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

1MBH50-060 Datasheet(HTML) 1 Page - Fuji Electric

  1MBH50-060 Datasheet HTML 1Page - Fuji Electric 1MBH50-060 Datasheet HTML 2Page - Fuji Electric 1MBH50-060 Datasheet HTML 3Page - Fuji Electric 1MBH50-060 Datasheet HTML 4Page - Fuji Electric 1MBH50-060 Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1MBH50-060,1MBH50D-060,
Molded IGBT
600V / 50A
Molded Package
Features
· Small molded package
· Low power loss
· Soft switching with low switching surge and noise
· High reliability, high ruggedness (RBSOA, SCSOA etc.)
· Comprehensive line-up
Applications
· Inverter for Motor drive
· AC and DC Servo drive amplifier
· Uninterruptible power supply
Maximum ratings and characteristics
Absolute maximum ratings (at Tc=25°C unless otherwise specified)
Item
Symbol
Collector-Emitter voltage
VCES
Gate-Emitter voltaga
VGES
Collector
DC
Tc=25°C
IC25
current
Tc=100°C
IC100
1ms
Tc=25°C
Icp
Max. power dissipation(IGBT)
PC
Operating temperature
Tj
Storage temperature
Tstg
Screw torque
-
Rating
600
±20
82
50
328
310
+150
-40 to +150
70
Unit
V
V
A
A
A
W
°C
°C
N·cm
Equivalent Circuit Schematic
Item
Symbol
Collector-Emitter voltage
VCES
Gate-Emitter voltaga
VGES
Collector
DC
Tc=25°C
IC25
current
Tc=100°C
IC100
1ms
Tc=25°C
Icp
Max. power dissipation (IGBT)
PC
Max. power dissipation (FWD)
PC
Operating temperature
Tj
Storage temperature
Tstg
Screw torque
-
Rating
600
±20
82
50
328
310
140
+150
-40 to +150
70
Unit
V
V
A
A
A
W
W
°C
°C
N·cm
1MBH50-060 / IGBT
1MBH50D-060 / IGBT+FWD
C:Collector
E:Emitter
G:Gate
IGBT
C:Collector
E:Emitter
G:Gate
IGBT + FWD


Similar Part No. - 1MBH50-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBH50-060 FUJI-1MBH50-060 Datasheet
234Kb / 4P
   Fuji Discrete Package IGBT
More results

Similar Description - 1MBH50-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBH50D-060S FUJI-1MBH50D-060S_04 Datasheet
436Kb / 5P
   600V / 50A Molded Package
1MBC15-060 FUJI-1MBC15-060_01 Datasheet
282Kb / 5P
   600V / 15A Molded Package
1MBC05-060 FUJI-1MBC05-060_01 Datasheet
369Kb / 5P
   600V / 5A Molded Package
1MB30-060 FUJI-1MB30-060_01 Datasheet
253Kb / 5P
   600V / 30A Molded Package
1MBH15D-060 FUJI-1MBH15D-060_04 Datasheet
496Kb / 4P
   600V / 15A Molded Package
1MBH75D-060S FUJI-1MBH75D-060S_04 Datasheet
457Kb / 5P
   600V / 75A Molded Package
1MBC10-060 FUJI-1MBC10-060_10 Datasheet
245Kb / 5P
   600V / 10A Molded Package
1MBH10D-060_0409 FUJI-1MBH10D-060_0409 Datasheet
498Kb / 4P
   600V / 10A Molded Package
1MBH20D-060 FUJI-1MBH20D-060 Datasheet
1Mb / 5P
   600V / 20A Molded Package
logo
Nihon Inter Electronics...
PRHMB50A6 NIEC-PRHMB50A6_1 Datasheet
115Kb / 3P
   50A 600V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com