Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1MBH50-060 Datasheet(PDF) 4 Page - Fuji Electric

Part # 1MBH50-060
Description  600V / 50A Molded Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

1MBH50-060 Datasheet(HTML) 4 Page - Fuji Electric

  1MBH50-060 Datasheet HTML 1Page - Fuji Electric 1MBH50-060 Datasheet HTML 2Page - Fuji Electric 1MBH50-060 Datasheet HTML 3Page - Fuji Electric 1MBH50-060 Datasheet HTML 4Page - Fuji Electric 1MBH50-060 Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Collector-Emitter voltage : VCE [V]
10
Capacitance vs. Collector-Emitter voltage
Tj=25°C
0
5
10
15
20
25
30
35
100
IGBT Module
Switching time vs. RG
Vcc=300V, Ic=50A, VGE=±15V, Tj=25°C
Dynamic input characteristics
Tj=25°C
Gate resistance : RG [ohm]
0
50
100
150
200
250
Gate charge : Qg [nC]
100
1000
10
120
100
80
60
40
20
0
0
100
200
300
400
500
600
700
Collector-Emitter voltage : VCE [V]
25
20
15
10
5
0
500
400
300
200
100
0
Switching time vs. RG
Vcc=300V, Ic=50A, VGE=±15V, Tj=125°C
Gate resistance : RG [ohm]
100
1000
10
Reversed biased safe operating area
+VGE=15V, -VGE = 15V, Tj = 125°C, RG = 62 ohm
<
<>
Typical short circuit capability
Vcc=400V, RG=62 ohm, Tj=125°C
1000
600
500
400
300
200
100
0
5
10
15
20
25
Characteristics
1MBH50-060,1MBH50D-060
1MBH50-060, 1MBH50D-060
Gate voltage : VGE [V]
0
50
100
150
200
250
0
50
100
150
200
250
60
50
40
30
20
10
0


Similar Part No. - 1MBH50-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBH50-060 FUJI-1MBH50-060 Datasheet
234Kb / 4P
   Fuji Discrete Package IGBT
More results

Similar Description - 1MBH50-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBH50D-060S FUJI-1MBH50D-060S_04 Datasheet
436Kb / 5P
   600V / 50A Molded Package
1MBC15-060 FUJI-1MBC15-060_01 Datasheet
282Kb / 5P
   600V / 15A Molded Package
1MBC05-060 FUJI-1MBC05-060_01 Datasheet
369Kb / 5P
   600V / 5A Molded Package
1MB30-060 FUJI-1MB30-060_01 Datasheet
253Kb / 5P
   600V / 30A Molded Package
1MBH15D-060 FUJI-1MBH15D-060_04 Datasheet
496Kb / 4P
   600V / 15A Molded Package
1MBH75D-060S FUJI-1MBH75D-060S_04 Datasheet
457Kb / 5P
   600V / 75A Molded Package
1MBC10-060 FUJI-1MBC10-060_10 Datasheet
245Kb / 5P
   600V / 10A Molded Package
1MBH10D-060_0409 FUJI-1MBH10D-060_0409 Datasheet
498Kb / 4P
   600V / 10A Molded Package
1MBH20D-060 FUJI-1MBH20D-060 Datasheet
1Mb / 5P
   600V / 20A Molded Package
logo
Nihon Inter Electronics...
PRHMB50A6 NIEC-PRHMB50A6_1 Datasheet
115Kb / 3P
   50A 600V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com