Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1MB10D-120 Datasheet(PDF) 1 Page - Fuji Electric

Part # 1MB10D-120
Description  1200V / 10A Molded Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

1MB10D-120 Datasheet(HTML) 1 Page - Fuji Electric

  1MB10D-120 Datasheet HTML 1Page - Fuji Electric 1MB10D-120 Datasheet HTML 2Page - Fuji Electric 1MB10D-120 Datasheet HTML 3Page - Fuji Electric 1MB10D-120 Datasheet HTML 4Page - Fuji Electric 1MB10D-120 Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1MB10-120,1MB10D-120,
Molded IGBT
1200V / 10A
Molded Package
Features
· Small molded package
· Low power loss
· Soft switching with low switching surge and noise
· High reliability, high ruggedness (RBSOA, SCSOA etc.)
· Comprehensive line-up
Applications
· Inverter for Motor drive
· AC and DC Servo drive amplifier
· Uninterruptible power supply
Maximum ratings and characteristics
Absolute maximum ratings (at Tc=25°C unless otherwise specified)
Item
Symbol
Collector-Emitter voltage
VCES
Gate-Emitter voltaga
VGES
Collector
DC
Tc=25°C
IC25
current
Tc=100°C
IC100
1ms
Tc=25°C
Icp
Max. power dissipation(IGBT)
PC
Operating temperature
Tj
Storage temperature
Tstg
Screw torque
-
Rating
1200
±20
16
10
48
135
+150
-40 to +150
50
Unit
V
V
A
A
A
W
°C
°C
N·cm
Equivalent Circuit Schematic
Item
Symbol
Collector-Emitter voltage
VCES
Gate-Emitter voltaga
VGES
Collector
DC
Tc=25°C
IC25
current
Tc=100°C
IC100
1ms
Tc=25°C
Icp
Max. power dissipation (IGBT)
PC
Max. power dissipation (FWD)
PC
Operating temperature
Tj
Storage temperature
Tstg
Screw torque
-
Rating
1200
±20
16
10
48
135
85
+150
-40 to +150
50
Unit
V
V
A
A
A
W
W
°C
°C
N·cm
1MB10-120 / IGBT
1MB10D-120 / IGBT+FWD
C:Collector
E:Emitter
G:Gate
IGBT
C:Collector
E:Emitter
G:Gate
IGBT + FWD


Similar Part No. - 1MB10D-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MB10D-120 FUJI-1MB10D-120 Datasheet
269Kb / 5P
   Fuji Discrete Package IGBT
More results

Similar Description - 1MB10D-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBH10D-120 FUJI-1MBH10D-120_09 Datasheet
1Mb / 5P
   1200V / 10A Molded Package
1MBH25-120 FUJI-1MBH25-120_01 Datasheet
254Kb / 5P
   1200V / 25A Molded Package
1MBH08D-120 FUJI-1MBH08D-120_09 Datasheet
502Kb / 4P
   1200V / 8A Molded Package
1MB08-120 FUJI-1MB08-120_01 Datasheet
286Kb / 5P
   1200V / 8A Molded Package
1MBC10-060 FUJI-1MBC10-060_10 Datasheet
245Kb / 5P
   600V / 10A Molded Package
1MBH10D-060_0409 FUJI-1MBH10D-060_0409 Datasheet
498Kb / 4P
   600V / 10A Molded Package
7MBR10NE120 FUJI-7MBR10NE120 Datasheet
514Kb / 9P
   IGBT(1200V/10A)
7MBR10SA120 FUJI-7MBR10SA120 Datasheet
619Kb / 7P
   IGBT(1200V/10A)
logo
MacMic
MM10G3T120B MACMIC-MM10G3T120B Datasheet
668Kb / 5P
   1200V 10A IGBT
logo
Fuji Electric
6MBI10S-120 FUJI-6MBI10S-120 Datasheet
510Kb / 4P
   IGBT MODULE(1200V/10A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com