Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYWB0125AB-BVXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYWB0125AB-BVXI
Description  West Bridge Antioch Memory-mapped interface to main processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWB0125AB-BVXI Datasheet(HTML) 6 Page - Cypress Semiconductor

  CYWB0125AB-BVXI Datasheet HTML 1Page - Cypress Semiconductor CYWB0125AB-BVXI Datasheet HTML 2Page - Cypress Semiconductor CYWB0125AB-BVXI Datasheet HTML 3Page - Cypress Semiconductor CYWB0125AB-BVXI Datasheet HTML 4Page - Cypress Semiconductor CYWB0125AB-BVXI Datasheet HTML 5Page - Cypress Semiconductor CYWB0125AB-BVXI Datasheet HTML 6Page - Cypress Semiconductor CYWB0125AB-BVXI Datasheet HTML 7Page - Cypress Semiconductor CYWB0125AB-BVXI Datasheet HTML 8Page - Cypress Semiconductor CYWB0125AB-BVXI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ADVANCE
INFORMATION
CYWB012X Family
Document #: 001-05898 Rev.*C
Page 6 of 9
Package Diagram
Figure 2. 100-pin VFBGA (6 × 6 × 1.0 mm) BZ100A
51-85209 *D
[+] Feedback


Similar Part No. - CYWB0125AB-BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWB0124AB CYPRESS-CYWB0124AB Datasheet
254Kb / 2P
   West Bridge??: Antioch??USB/Mass Storage Peripheral Controller
CYWB0124AB CYPRESS-CYWB0124AB_09 Datasheet
259Kb / 2P
   West Bridge,Antioch,USB/Mass Storage Peripheral Controller
More results

Similar Description - CYWB0125AB-BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWB0124AB CYPRESS-CYWB0124AB Datasheet
254Kb / 2P
   West Bridge??: Antioch??USB/Mass Storage Peripheral Controller
CYWB0124AB CYPRESS-CYWB0124AB_09 Datasheet
259Kb / 2P
   West Bridge,Antioch,USB/Mass Storage Peripheral Controller
CYWB0224ABS CYPRESS-CYWB0224ABS_09 Datasheet
238Kb / 6P
   West Bridge Astoria
logo
Winbond
W86L387D WINBOND-W86L387D Datasheet
375Kb / 25P
   Winbond Host Interface Memory StickTM Bridge
logo
Maxim Integrated Produc...
DSSHA1 MAXIM-DSSHA1 Datasheet
244Kb / 9P
   Memory-Mapped SHA-1 Coprocessor Five 32-Bit Registers to Read MAC Result
Rev 0; 5/11
logo
STMicroelectronics
STV2145 STMICROELECTRONICS-STV2145 Datasheet
157Kb / 17P
   I2C BUS CONTROLLED EAST-WEST AND VERTICAL INTERFACE
logo
Gamewell-FCI by Honeywe...
ILI-MB-E3 GAMEWELL-FCI-ILI-MB-E3 Datasheet
96Kb / 2P
   Intelligent Loop Interface-Main Board
logo
Winbond
W86L388D WINBOND-W86L388D Datasheet
386Kb / 28P
   W86L388D Winbond Host Interface SD/MMC Memory Card Bridge
logo
Cypress Semiconductor
CYWB0224ABS CYPRESS-CYWB0224ABS Datasheet
228Kb / 6P
   West BridgeTM AstoriaTM
logo
Micronas
CIP3250A MICRONAS-CIP3250A Datasheet
326Kb / 44P
   Component Interface Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com