Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYD36S72V18-200BGXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYD36S72V18-200BGXC
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD36S72V18-200BGXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYD36S72V18-200BGXC Datasheet HTML 1Page - Cypress Semiconductor CYD36S72V18-200BGXC Datasheet HTML 2Page - Cypress Semiconductor CYD36S72V18-200BGXC Datasheet HTML 3Page - Cypress Semiconductor CYD36S72V18-200BGXC Datasheet HTML 4Page - Cypress Semiconductor CYD36S72V18-200BGXC Datasheet HTML 5Page - Cypress Semiconductor CYD36S72V18-200BGXC Datasheet HTML 6Page - Cypress Semiconductor CYD36S72V18-200BGXC Datasheet HTML 7Page - Cypress Semiconductor CYD36S72V18-200BGXC Datasheet HTML 8Page - Cypress Semiconductor CYD36S72V18-200BGXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
Document Number: 38-06082 Rev. *K
Page 5 of 52
FullFlex
Figure 2. FullFlex36 SDR 484-ball BGA Pinout (Top View)[9]
1
2
3
45678
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A DNU DNU
DNU
DNU
DNU
DQ33L
DQ30L
DQ27L
DQ24L
DQ21L
DQ18L DQ18R
DQ21R
DQ24R
DQ27R DQ30R DQ33R
DNU
DNU
DNU
DNU DNU
B DNU DNU
DNU
DNU
DNU
DQ34L
DQ31L
DQ28L
DQ25L
DQ22L
DQ19L DQ19R
DQ22R
DQ25R
DQ28R DQ31R DQ34R
DNU
DNU
DNU
DNU DNU
C DNU DNU
VSS
VSS
DNU
DQ35L
DQ32L
DQ29L
DQ26L
DQ23L
DQ20L DQ20R
DQ23R
DQ26R
DQ29R DQ32R DQ35R
DNU
VSS
VSS
DNU DNU
D DNU DNU
VSS
VSS
VSS
CQ1L
CQ1L
VSS
LOWSPDL PORTSTD0L
ZQ0L[10] BUSYL CNTINTL PORTSTD1L
DNU
CQ1R
CQ1R
VSS
VSS
VSS
DNU DNU
E DNU DNU VDDIOL
VSS
VSS
VDDIOL VDDIOR VDDIOR VDDIOR
VDDIOR
VTTL
VTTL
VTTL
VDDIOL VDDIOL VDDIOL VDDIOL
DNU
VSS
VDDIOR DNU DNU
F DNU DNU
CE1L
CE0L
VDDIOL VDDIOL VDDIOR VDDIOR VDDIOR
VCORE VCORE VCORE VCORE
VDDIOL VDDIOL VDDIOL VDDIOR VDDIOR CE0R
CE1R
DNU DNU
G A0L A1L
RETL
BE2L
VDDIOL VDDIOL VREFL
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VREFR VDDIOR VDDIOR BE2R
RETR
A1R A0R
H A2L A3L
WRPL
BE3L
VDDIOL VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR VDDIOR BE3R
WRPR
A3R A2R
J
A4L A5L READYL
DNU
VDDIOL VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR VDDIOR
DNU
READYR A5R A4R
K A6L A7L ZQ1L[10]
DNU
VTTL
VCORE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VCORE VDDIOR
DNU
ZQ1R[10] A7R A6R
L A8L A9L
CL
OEL
VTTL
VCORE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VCORE
VTTL
OER
CR
A9R A8R
M A10L A11L
VSS
DNU
VTTL
VCORE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VCORE
VTTL
DNU
VSS
A11R A10R
N A12L A13L ADSL
DNU
VDDIOL VCORE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VCORE
VTTL
DNU
ADSR
A13R A12R
P A14L A15L CNT/MSKL
BE1L
VDDIOL VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR VDDIOR BE1R CNT/MSKR A15R A14R
R A16L A17L CNTENL BE0L VDDIOL VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR VDDIOR BE0R
CNTENR A17R A16R
T A18L A19L CNTRSTL
INTL
VDDIOL VDDIOL VREFL
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VREFR VDDIOR VDDIOR
INTR
CNTRSTR
A19R A18R
U DNU DNU
R/WL
CQENL VDDIOL VDDIOL VDDIOR VDDIOR VDDIOR
VCORE VCORE VCORE VCORE
VDDIOL VDDIOL VDDIOL VDDIOR VDDIOR CQENR
R/WR
DNU DNU
V DNU DNU FTSELL VDDIOL
DNU
VDDIOR VDDIOR VDDIOR VDDIOR
VTTL
VTTL
VTTL
VDDIOL
VDDIOL VDDIOL VDDIOL VDDIOR TRST VDDIOR FTSELR DNU DNU
W DNU DNU
VSS
MRST
VSS
CQ0L
CQ0L
DNU
PORTSTD1R
CNTINTR BUSYR ZQ0R[10] PORTSTD0R LOWSPDR
VSS
CQ0R
CQ0R
VSS
TDI
TDO
DNU DNU
Y DNU DNU
VSS
VSS
DNU
DQ17L
DQ14L
DQ11L
DQ8L
DQ5L
DQ2L
DQ2R
DQ5R
DQ8R
DQ11R DQ14R DQ17R
DNU
TMS
TCK
DNU DNU
AA DNU DNU
DNU
DNU
DNU
DQ16L
DQ13L
DQ10L
DQ7L
DQ4L
DQ1L
DQ1R
DQ4R
DQ7R
DQ10R DQ13R DQ16R
DNU
DNU
DNU
DNU DNU
AB DNU DNU
DNU
DNU
DNU
DQ15L
DQ12L
DQ9L
DQ6L
DQ3L
DQ0L
DQ0R
DQ3R
DQ6R
DQ9R
DQ12R DQ15R
DNU
DNU
DNU
DNU DNU
Notes
9. Use this pinout only for device CYD36S36V18 of the FullFlex36 family.
10. Leave this ball unconnected to disable VIM.
[+] Feedback


Similar Part No. - CYD36S72V18-200BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD36S72V18-200BGXC CYPRESS-CYD36S72V18-200BGXC Datasheet
755Kb / 53P
   FullFlex Synchronous SDR Dual Port SRAM
More results

Similar Description - CYD36S72V18-200BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD09S18V18-167BBXI CYPRESS-CYD09S18V18-167BBXI Datasheet
755Kb / 53P
   FullFlex Synchronous SDR Dual Port SRAM
logo
Samsung semiconductor
K7A323630C SAMSUNG-K7A323630C Datasheet
424Kb / 19P
   1Mx36 and 2Mx18 Synchronous SRAM
logo
AVX Corporation
NP30 AVX-NP30 Datasheet
401Kb / 10P
   Commercial, Industrial and Automotive Applications
logo
Samsung semiconductor
K7P163666A SAMSUNG-K7P163666A Datasheet
321Kb / 14P
   512Kx36 AND 1Mx18 Synchronous Pipelined SRAM
K7P803666B SAMSUNG-K7P803666B Datasheet
216Kb / 13P
   256Kx36 AND 512Kx18 Synchronous Pipelined SRAM
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com