Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYUSB3014-BZXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYUSB3014-BZXI
Description  EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014-BZXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYUSB3014-BZXI Datasheet HTML 1Page - Cypress Semiconductor CYUSB3014-BZXI Datasheet HTML 2Page - Cypress Semiconductor CYUSB3014-BZXI Datasheet HTML 3Page - Cypress Semiconductor CYUSB3014-BZXI Datasheet HTML 4Page - Cypress Semiconductor CYUSB3014-BZXI Datasheet HTML 5Page - Cypress Semiconductor CYUSB3014-BZXI Datasheet HTML 6Page - Cypress Semiconductor CYUSB3014-BZXI Datasheet HTML 7Page - Cypress Semiconductor CYUSB3014-BZXI Datasheet HTML 8Page - Cypress Semiconductor CYUSB3014-BZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
PRELIMINARY
CYUSB3014
Document Number 001-52136 Rev. *H
Page 3 of 38
Functional Overview
Cypress EZ-USB FX3 is the next generation USB3.0 peripheral
controller providing highly integrated and flexible features that
enable developers to add USB3.0 functionality to any system.
EZ-USB FX3 has a fully configurable, parallel, General
Programmable Interface called GPIF II, which can connect to
any processor, ASIC, or FPGA. The General Programmable
Interface GPIF II is an enhanced version of the GPIF in FX2LP,
Cypress’s flagship USB2.0 product. It provides easy and
glueless
connectivity
to
popular
interfaces
such
as
asynchronous SRAM, asynchronous and synchronous Address
Data Multiplexed interface, parallel ATA, and so on.
EZ-USB FX3 has integrated USB3.0 and USB2.0 physical layer
(PHYs) along with a 32-bit ARM926EJ-S microprocessor for
powerful data processing and for building custom applications. It
implements an ingenious architecture which enables data
transfers of 320 MBps[1] from GPIF II to USB interface.
An integrated USB2.0 OTG controller enables applications that
need dual role usage scenarios, for example EZ-USB FX3 may
function as OTG Host to MSC and HID class devices.
EZ-USB FX3 contains 512 kB of on-chip SRAM for code and
data. EZ-USB FX3 also provides interfaces to connect to serial
peripherals such as UART, SPI, I2C, and I2S.
EZ-USB FX3 comes with the easy to use EZ-USB tools providing
a complete solution for fast application development. The
software development kit comes with application examples for
accelerating time to market.
EZ-USB FX3 is fully compliant to USB3.0 v1.0 specification and
is also backward compatible with USB2.0. It is also complaint
with the Battery Charging Specification v1.1 and USB2.0 OTG
Specification v2.0.
Application Examples
Figure 1 and Figure 2 show typical application diagrams for
EZ-USB FX3. Figure 1 shows a typical application diagram in
which EZ-USB FX3 functions as a co-processor and connects to
an external processor responsible for various system level
functions. Figure 2 shows a typical application diagram when
EZ-USB FX3 functions as the main processor in the system.
Figure 1. EZ-USB FX3 as a Co-processor
Note
1. Assuming that GPIF II is configured for 32 bit data bus synchronous interface operating at 100 MHz. This number also includes protocol overheads.
EZ-USB FX3
(ARM9 Core)
External Serial Peripheral
(example: EEPROM)
CRYSTAL*
POWER
SUBSYSTEM
GPIF II
text
External Processor
(example: MCU/CPU/ASIC/
FPGA)
Serial Interfaces
(example: I2C)
USB
Port
USB Host
* A clock input may be provided on the
CLKIN pin instead of a crystal input
[+] Feedback
[+] Feedback


Similar Part No. - CYUSB3014-BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3014-BZXI CYPRESS-CYUSB3014-BZXI Datasheet
441Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller
CYUSB3014-BZXI CYPRESS-CYUSB3014-BZXI Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3014-BZXI CYPRESS-CYUSB3014-BZXI Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3014-BZXI INFINEON-CYUSB3014-BZXI Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
CYUSB3014-BZXIT INFINEON-CYUSB3014-BZXIT Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
More results

Similar Description - CYUSB3014-BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X_13 Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
   EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
logo
Cypress Semiconductor
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
   EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
CYUSB303X CYPRESS-CYUSB303X Datasheet
562Kb / 54P
   EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB3035 CYPRESS-CYUSB3035 Datasheet
1,014Kb / 50P
   EZ-USB짰 FX3S SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB301X INFINEON-CYUSB301X Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
logo
Cypress Semiconductor
CYUSB306X CYPRESS-CYUSB306X Datasheet
720Kb / 37P
   EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
logo
SMSC Corporation
USB5534 SMSC-USB5534 Datasheet
146Kb / 4P
   4-Port SuperSpeed USB Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com