Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYUSB3014-BZXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYUSB3014-BZXI
Description  EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014-BZXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYUSB3014-BZXI Datasheet HTML 6Page - Cypress Semiconductor CYUSB3014-BZXI Datasheet HTML 7Page - Cypress Semiconductor CYUSB3014-BZXI Datasheet HTML 8Page - Cypress Semiconductor CYUSB3014-BZXI Datasheet HTML 9Page - Cypress Semiconductor CYUSB3014-BZXI Datasheet HTML 10Page - Cypress Semiconductor CYUSB3014-BZXI Datasheet HTML 11Page - Cypress Semiconductor CYUSB3014-BZXI Datasheet HTML 12Page - Cypress Semiconductor CYUSB3014-BZXI Datasheet HTML 13Page - Cypress Semiconductor CYUSB3014-BZXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
PRELIMINARY
CYUSB3014
Document Number 001-52136 Rev. *H
Page 10 of 38
The different low power modes are described in Table 6..
Table 6. Entry and Exit Methods for Low Power Modes
Low Power Mode
Characteristics
Methods of Entry
Methods of Exit
Suspend Mode with
USB 3.0 PHY
Enabled (L1)
The power consumption in this
mode does not exceed ISB1
USB 3.0 PHY is enabled and
is in U3 mode (one of the
suspend modes defined by
the USB3.0 specification).
This one block alone is opera-
tional with its internal clock
while all other clocks are shut
down
All I/Os maintain their previous
state
Power supply for the wakeup
source and core power must
be retained. All other power
domains can be turned on/off
individually
The states of the configuration
registers, buffer memory and
all internal RAM are
maintained
All transactions must be
completed before EZ-USB
FX3 enters Suspend mode
(state of outstanding transac-
tions are not preserved)
The firmware resumes
operation from where it was
suspended (except when
woken up by RESET#
assertion) because the
program counter does not
reset
Firmware executing on
ARM926EJ-S core can put EZ-USB
FX3 into suspend mode. For
example, on USB suspend
condition, firmware may decide to
put EZ-USB FX3 into suspend
mode
External Processor, through the
use of mailbox registers can put
EZ-USB FX3 into suspend mode
D+ transitioning to low or high
D- transitioning to low or high
Impedance change on OTG_ID pin
Resume condition on SSRX +/-
Detection of VBUS
Level detect on UART_CTS
(programmable polarity)
GPIF II interface assertion of
CTL[0]
Assertion of RESET#
[+] Feedback
[+] Feedback


Similar Part No. - CYUSB3014-BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3014-BZXI CYPRESS-CYUSB3014-BZXI Datasheet
441Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller
CYUSB3014-BZXI CYPRESS-CYUSB3014-BZXI Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3014-BZXI CYPRESS-CYUSB3014-BZXI Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3014-BZXI INFINEON-CYUSB3014-BZXI Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
CYUSB3014-BZXIT INFINEON-CYUSB3014-BZXIT Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
More results

Similar Description - CYUSB3014-BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X_13 Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
   EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
logo
Cypress Semiconductor
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
   EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
CYUSB303X CYPRESS-CYUSB303X Datasheet
562Kb / 54P
   EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB3035 CYPRESS-CYUSB3035 Datasheet
1,014Kb / 50P
   EZ-USB짰 FX3S SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB301X INFINEON-CYUSB301X Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
logo
Cypress Semiconductor
CYUSB306X CYPRESS-CYUSB306X Datasheet
720Kb / 37P
   EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
logo
SMSC Corporation
USB5534 SMSC-USB5534 Datasheet
146Kb / 4P
   4-Port SuperSpeed USB Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com