Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYRF69103-40LFXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYRF69103-40LFXC
Description  Programmable Radio on Chip Low Power 16-bit free running timer
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103-40LFXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYRF69103-40LFXC Datasheet HTML 1Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 2Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 3Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 4Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 5Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 6Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 7Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 8Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 5 of 68
6.6 SDR Mode
Table 6-2. SDR Mode
Register
Value
Description
TX_CFG_ADR
0X3E
64 chip PN code, SDR mode, PA = 6
RX_CFG_ADR
0X4B
AGC is enabled. LNA and attenuator are disabled. Fast turnaround is disabled,
the device uses high side receive injection and Hi-Lo is disabled. Overwrite to
receive buffer is enabled and RX buffer is configured to receive eight bytes
maximum. Enables RXOW to allow new packets to be loaded into the receive
buffer. This also enables the VALID bit which is used by the first generation
radio’s error correction firmware.
XACT_CFG_ADR
0X05
AutoACK is disabled. Forcing end state is disabled. The device is configured to
transition to Idle mode after Receive or Transmit. ACK timeout is set to 128 µs.
FRAMING_CFG_ADR
0X00
All SOP and framing features are disabled. Disable LEN_EN=0 if EOP is
needed.
TX_OVERRIDE_ADR
0X04
Disable Transmit CRC-16.
RX_OVERRIDE_ADR
0X14
The receiver rejects packets with a zero seed. The RX CRC-16 checker is
disabled and the receiver accepts bad packets that do not match the seed in
the CRC_seed registers. This helps in communication with the first generation
radio that does not have CRC capabilities.
ANALOG_CTRL_ADR
0X01
Set ALL SLOW. When set, the synthesizer settle time for all channels is the
same as the slow channels in the first generation radio, for manual ACK
consistency
DATA64_THOLD_ADR
0X07
Sets the number of allowed corrupted bits to 7 which is close to the recom-
mended 12% value.
EOP_CTRL_ADR
0xA1
Sets the number of consecutive symbols for non-correlation to detect end of
packet.
PREAMBLE_ADR
0xAAAA09
AAAA are the two preamble bytes. Any other byte can also be written into the
preamble register file. Recommended counts of the preamble bytes to be sent
must be >8.
[+] Feedback


Similar Part No. - CYRF69103-40LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103-40LFXC CYPRESS-CYRF69103-40LFXC Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69103-40LFXC CYPRESS-CYRF69103-40LFXC Datasheet
1Mb / 72P
   Programmable Radio on Chip Low Power
More results

Similar Description - CYRF69103-40LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103 CYPRESS-CYRF69103 Datasheet
2Mb / 73P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_13 Datasheet
845Kb / 86P
   Programmable Radio on Chip Low Power
CYWUSB6953 CYPRESS-CYWUSB6953_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_08 Datasheet
1Mb / 76P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_08 Datasheet
1Mb / 65P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_12 Datasheet
843Kb / 85P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213 Datasheet
1Mb / 85P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_13 Datasheet
1Mb / 72P
   Programmable Radio on Chip Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com