Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYRF6936 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYRF6936
Description  WirelessUSB LP 2.4 GHz Radio SoC Low external component count
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF6936 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYRF6936_11 Datasheet HTML 7Page - Cypress Semiconductor CYRF6936_11 Datasheet HTML 8Page - Cypress Semiconductor CYRF6936_11 Datasheet HTML 9Page - Cypress Semiconductor CYRF6936_11 Datasheet HTML 10Page - Cypress Semiconductor CYRF6936_11 Datasheet HTML 11Page - Cypress Semiconductor CYRF6936_11 Datasheet HTML 12Page - Cypress Semiconductor CYRF6936_11 Datasheet HTML 13Page - Cypress Semiconductor CYRF6936_11 Datasheet HTML 14Page - Cypress Semiconductor CYRF6936_11 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
CYRF6936
Document #: 38-16015 Rev. *J
Page 11 of 28
No Load Components - Do Not Install
28
1
730-13403
C6
CAP 47UF 6.3 V CERAMIC X5R
1210
Panasonic
ECJ-4YB0J476M
29
1
630-10242
R2
RES CHIP 0.0 OHM 1/10W 5%
0805 SMD
Phycomp USA Inc
9C08052A0R00JLHFT
30
1
730-13404
C7
CAP 0.047 uF 50 V CERAMIC X5R
0402
AVX
0402YD473KAT2A
31
1
420-10921
J4
HEADER 3POS FRIC STRGHT
MTA 100
AMP/Tyco
644456-3
32
1
620-10519
R1
RES ZERO OHM 1/16W 5% 0603
SMD
Panasonic - ECG
ERJ-3GEY0R00V
Table 4. Recommended BoM for Systems where VBAT
≤ 2.4 V (continued)
Item
Qty
CY Part Number
Reference
Description
Manufacturer
Mfr Part Number
[+] Feedback


Similar Part No. - CYRF6936_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF6936-40LFXC CYPRESS-CYRF6936-40LFXC Datasheet
874Kb / 40P
   WirelessUSB??LP 2.4 GHz Radio SoC
CYRF6936-40LFXC CYPRESS-CYRF6936-40LFXC Datasheet
578Kb / 23P
   WirelessUSB LP 2.4 GHz Radio SoC
CYRF6936-40LTXC CYPRESS-CYRF6936-40LTXC Datasheet
578Kb / 23P
   WirelessUSB LP 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
   WirelessUSB LP 2.4 GHz Radio SoC
More results

Similar Description - CYRF6936_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
   WirelessUSB LP 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936 Datasheet
874Kb / 40P
   WirelessUSB??LP 2.4 GHz Radio SoC
logo
ATMEL Corporation
ATR2434 ATMEL-ATR2434 Datasheet
511Kb / 35P
   WirelessUSB 2.4-GHz DSSS Radio SoC
logo
Cypress Semiconductor
CYRF6986 CYPRESS-CYRF6986 Datasheet
1Mb / 23P
   WirelessUSB??LPstar 2.4 GHz Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935_10 Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935 Datasheet
603Kb / 33P
   WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932_05 Datasheet
374Kb / 30P
   WirelessUSB??LS 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932 Datasheet
305Kb / 30P
   WirelessUSB LS 2.4-GHz DSSS Radio SoC
CYRF9935 CYPRESS-CYRF9935 Datasheet
1Mb / 47P
   WirelessUSB??NX 2.4 GHz Low Power Radio
CYRF8935 CYPRESS-CYRF8935_13 Datasheet
689Kb / 40P
   WirelessUSB??NL 2.4 GHz Low Power Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com