Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYDMX256B16-65BVXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYDMX256B16-65BVXI
Description  16 K/8 K/4 K x 16 MoBL ADM 16 K/8 K/4 K x 16 MoBL ADM High speed access
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDMX256B16-65BVXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYDMX256B16-65BVXI Datasheet HTML 1Page - Cypress Semiconductor CYDMX256B16-65BVXI Datasheet HTML 2Page - Cypress Semiconductor CYDMX256B16-65BVXI Datasheet HTML 3Page - Cypress Semiconductor CYDMX256B16-65BVXI Datasheet HTML 4Page - Cypress Semiconductor CYDMX256B16-65BVXI Datasheet HTML 5Page - Cypress Semiconductor CYDMX256B16-65BVXI Datasheet HTML 6Page - Cypress Semiconductor CYDMX256B16-65BVXI Datasheet HTML 7Page - Cypress Semiconductor CYDMX256B16-65BVXI Datasheet HTML 8Page - Cypress Semiconductor CYDMX256B16-65BVXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
CYDMX256A16, CYDMX256B16
CYDMX128A16, CYDMX128B16
CYDMX064A16, CYDMX064B16
Document #: 001-08090 Rev. *G
Page 3 of 25
Notes
3. This pin is A13 for CYDMX256A16 and CYDMX256B16.
4. This pin is DNU for CYDMX064A16 and CYDMX064B16.
5. This pin is DNU for CYDMX256A16 and CYDMX256B16.
6. DNU pins are “do not use” pins. No trace or power component can be connected to these pins.
Pin Configurations
Figure 1. 100-ball 0.5 mm pitch BGA (Top View)
.
12
345678
9
10
A
A5
A8
A11
UB#R
VSS
ADV#R I/OR15
I/OR12
I/OR10
VSS
A
B
A3
A4
A7
A9
CE#R
WE#R
OE#R VDDIOR I/OR9
I/OR6 B
C
A0
A1
A2
A6
LB#R
IRR1
[3]
I/OR14
I/OR11
I/OR7
VSS
C
D ODR4
ODR2 BUSY#R INT#R
A10
A12
[4]
I/OR13
I/OR8
I/OR5
I/O2R D
E
VSS
DNU
ODR3
INT#L
VSS
VSS
I/OR4 VDDIOR I/OR1
VSS
E
F SFEN#
ODR1 BUSY#L
DNU
VCC
VSS
I/OR3
I/OR0
I/OL15 VDDIOL F
G ODR0
DNU
DNU
DNU
OE#L
I/OL3
I/OL11
I/OL12
I/OL14
I/OL13 G
H
DNU
DNU
DNU
LB#L
CE#L
I/OL1
VDDIOL MSEL
DNU
I/OL10 H
J
DNU
DNU
DNU
IRR0
[5]
VCC
VSS
I/OL4
I/OL6
I/OL8
I/OL9 J
K
DNU
DNU
DNU
UB#L
ADV#L
WE#L
I/OL0
I/OL2
I/OL5
I/OL7 K
12
345678
9
10
[+] Feedback


Similar Part No. - CYDMX256B16-65BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDM064A08 CYPRESS-CYDM064A08 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064A08-35BVXC CYPRESS-CYDM064A08-35BVXC Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064A08-55BVXC CYPRESS-CYDM064A08-55BVXC Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064A08-55BVXI CYPRESS-CYDM064A08-55BVXI Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064A16 CYPRESS-CYDM064A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
More results

Similar Description - CYDMX256B16-65BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CY14B104NA-ZS25XI CYPRESS-CY14B104NA-ZS25XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
CY7C4285V-15ASXI CYPRESS-CY7C4285V-15ASXI Datasheet
603Kb / 24P
   8 K/16 K/32 K/64 K x 18 Low Voltage Deep Sync FIFOs
logo
Fujitsu Component Limit...
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
   Memory FRAM 16 K (2 K x 8) Bit I2C
MB85RC128 FUJITSU-MB85RC128 Datasheet
142Kb / 20P
   Memory FRAM 128 K (16 K x 8) Bit I2C
logo
Cypress Semiconductor
CY7C008V CYPRESS-CY7C008V_12 Datasheet
649Kb / 23P
   3.3 V 4 K / 8 K / 16 16 Dual-Port Static RAM
CY62146EV30LL-45ZSXIT CYPRESS-CY62146EV30LL-45ZSXIT Datasheet
570Kb / 18P
   CY62146EV30 MoBL 4-Mbit (256 K 횞 16) Static RAM
logo
Fujitsu Component Limit...
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RC128A FUJITSU-MB85RC128A Datasheet
474Kb / 32P
   128 K (16 K 횞 8) ?볝긿?뉹2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com