Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62177EV30 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY62177EV30
Description  32-Mbit (2 M x 16 / 4 M x 8) Static RAM Automatic power down when deselected
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62177EV30 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY62177EV30_11 Datasheet HTML 3Page - Cypress Semiconductor CY62177EV30_11 Datasheet HTML 4Page - Cypress Semiconductor CY62177EV30_11 Datasheet HTML 5Page - Cypress Semiconductor CY62177EV30_11 Datasheet HTML 6Page - Cypress Semiconductor CY62177EV30_11 Datasheet HTML 7Page - Cypress Semiconductor CY62177EV30_11 Datasheet HTML 8Page - Cypress Semiconductor CY62177EV30_11 Datasheet HTML 9Page - Cypress Semiconductor CY62177EV30_11 Datasheet HTML 10Page - Cypress Semiconductor CY62177EV30_11 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CY62177EV30 MoBL®
Document Number: 001-09880 Rev. *H
Page 7 of 15
Switching Waveforms
Figure 4. Read Cycle 1 (Address Transition Controlled)[21, 22]
Figure 5. Read Cycle 2 (OE Controlled)[22, 23]
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
t
AA
t
OHA
50%
50%
DATA VALID
t
RC
t
ACE
t
DOE
t
LZOE
t
LZCE
t
PU
HIGH IMPEDANCE
t
HZOE
t
PD
t
HZBE
t
LZBE
t
HZCE
t
DBE
HIGH
ICC
ISB
IMPEDANCE
OE
CE1
ADDRESS
VCC
SUPPLY
CURRENT
BHE
/BLE
DATA OUT
CE2
Notes
21. The device is continuously selected. OE, CE1 = VIL, BHE and/or BLE = VIL, and CE2 = VIH.
22. WE is HIGH for read cycle.
23. Address valid prior to or coincident with CE1, BHE, BLE transition LOW and CE2 transition HIGH.


Similar Part No. - CY62177EV30_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62177EV30LL CYPRESS-CY62177EV30LL Datasheet
516Kb / 14P
   32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
CY62177EV30LL-55ZXI CYPRESS-CY62177EV30LL-55ZXI Datasheet
516Kb / 14P
   32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
More results

Similar Description - CY62177EV30_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62168EV30 CYPRESS-CY62168EV30_11 Datasheet
874Kb / 16P
   16-Mbit (2 M x 8) Static RAM Automatic power-down when deselected
CY62167E CYPRESS-CY62167E_11 Datasheet
526Kb / 17P
   16-Mbit (1 M x 16 / 2 M x 8) Static RAM Automatic power-down when deselected
CY62158E CYPRESS-CY62158E_11 Datasheet
884Kb / 16P
   8-Mbit (1 M x 8) Static RAM Automatic power down when deselected
CY62157ESL CYPRESS-CY62157ESL_11 Datasheet
261Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62157EV18 CYPRESS-CY62157EV18_11 Datasheet
280Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62146E_1106 CYPRESS-CY62146E_1106 Datasheet
256Kb / 14P
   4-Mbit (256K x 16) Static RAM Automatic power down when deselected
CY62146ESL CYPRESS-CY62146ESL_11 Datasheet
258Kb / 15P
   4-Mbit (256K x 16) Static RAM Automatic power down when deselected
CY62167EV30 CYPRESS-CY62167EV30_11 Datasheet
328Kb / 17P
   16-Mbit (1M x 16 / 2M x 8) Static RAM Automatic power-down when deselected
CY62167EV18 CYPRESS-CY62167EV18_11 Datasheet
314Kb / 16P
   16 Mbit (1M x 16) Static RAM Automatic power down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com