Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157ELL-55BVXE Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62157ELL-55BVXE
Description  8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157ELL-55BVXE Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62157ELL-55BVXE Datasheet HTML 1Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 2Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 3Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 4Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 5Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 6Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 7Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 8Page - Cypress Semiconductor CY62157ELL-55BVXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CY62157E MoBL®
Document #: 38-05695 Rev. *H
Page 2 of 18
Contents
Product Portfolio ..............................................................3
Pin Configuration .............................................................3
Maximum Ratings .............................................................4
Operating Range ...............................................................4
Electrical Characteristics .................................................4
Capacitance ......................................................................5
Thermal Resistance ..........................................................5
AC Test Loads and Waveforms .......................................5
Data Retention Characteristics .......................................6
Data Retention Waveform ................................................6
Switching Characteristics ................................................7
Switching Waveforms ......................................................8
Read Cycle No. 1 (Address Transition Controlled) .....8
Read Cycle No. 2 (OE Controlled) ..............................8
Write Cycle No. 1 (WE Controlled) ..............................9
Write Cycle No. 2 (CE1 or CE2 Controlled) ..............10
Write Cycle No. 3 (WE Controlled, OE LOW) ............11
Write Cycle No. 4
(BHE/BLE Controlled, OE LOW) ......................................11
Truth Table ......................................................................12
Ordering Information ......................................................13
Ordering Code Definitions .........................................13
Package Diagrams ..........................................................14
Acronyms ........................................................................16
Document Conventions .................................................16
Units of Measure .......................................................16
Document History Page .................................................17
Sales, Solutions, and Legal Information ......................18
Worldwide Sales and Design Support .......................18
Products ....................................................................18
PSoC Solutions .........................................................18
[+] Feedback


Similar Part No. - CY62157ELL-55BVXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157ELL-55BVXE CYPRESS-CY62157ELL-55BVXE Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ELL-55BVXE CYPRESS-CY62157ELL-55BVXE Datasheet
380Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ELL-55BVXE CYPRESS-CY62157ELL-55BVXE Datasheet
506Kb / 18P
   8-Mbit (512 K x 16) Static RAM
More results

Similar Description - CY62157ELL-55BVXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148E CYPRESS-CY62148E_11 Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY7C1049CV33_1106 CYPRESS-CY7C1049CV33_1106 Datasheet
312Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY62157ESL CYPRESS-CY62157ESL_11 Datasheet
261Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62157EV18 CYPRESS-CY62157EV18_11 Datasheet
280Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com