Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148ELL-55SXA Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY62148ELL-55SXA
Description  4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148ELL-55SXA Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY62148ELL-55SXA Datasheet HTML 2Page - Cypress Semiconductor CY62148ELL-55SXA Datasheet HTML 3Page - Cypress Semiconductor CY62148ELL-55SXA Datasheet HTML 4Page - Cypress Semiconductor CY62148ELL-55SXA Datasheet HTML 5Page - Cypress Semiconductor CY62148ELL-55SXA Datasheet HTML 6Page - Cypress Semiconductor CY62148ELL-55SXA Datasheet HTML 7Page - Cypress Semiconductor CY62148ELL-55SXA Datasheet HTML 8Page - Cypress Semiconductor CY62148ELL-55SXA Datasheet HTML 9Page - Cypress Semiconductor CY62148ELL-55SXA Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CY62148E MoBL®
Document #: 38-05442 Rev. *I
Page 6 of 16
Data Retention Characteristics
Over the operating range
Parameter
Description
Conditions
Min
Typ[12] Max Unit
VDR
VCC for data retention
2
V
ICCDR[13]
Data retention current
VCC = VDR, CE > VCC – 0.2 V,
VIN > VCC – 0.2 V or VIN < 0.2 V
Industrial /
Automotive-A
–1
7
µA
tCDR
Chip deselect to data retention time
0
ns
tR[14]
Operation recovery time
TSOP II
45
ns
SOIC
55
ns
Figure 3. Data Retention Waveform
VCC(min)
VCC(min)
tCDR
VDR > 2.0 V
DATA RETENTION MODE
tR
VCC
CE
Notes
12. Typical values are included for reference and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.
13. Chip enable (CE) must be HIGH at CMOS level to meet the ISB2 / ICCDR spec. Other inputs can be left floating.
14. Full device operation requires linear VCC ramp from VDR to VCC(min) > 100 µs or stable at VCC(min) > 100 µs.
[+] Feedback


Similar Part No. - CY62148ELL-55SXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148ELL-55SXA CYPRESS-CY62148ELL-55SXA Datasheet
942Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148ELL-55SXA CYPRESS-CY62148ELL-55SXA Datasheet
943Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148ELL-55SXA CYPRESS-CY62148ELL-55SXA Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ELL-55SXA CYPRESS-CY62148ELL-55SXA Datasheet
982Kb / 17P
   4-Mbit (512 K x 8) Static RAM
More results

Similar Description - CY62148ELL-55SXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY7C1049CV33_1106 CYPRESS-CY7C1049CV33_1106 Datasheet
312Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138EV30_1106 CYPRESS-CY62138EV30_1106 Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com