Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62137FV18 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY62137FV18
Description  2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137FV18 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY62137FV18 Datasheet HTML 4Page - Cypress Semiconductor CY62137FV18 Datasheet HTML 5Page - Cypress Semiconductor CY62137FV18 Datasheet HTML 6Page - Cypress Semiconductor CY62137FV18 Datasheet HTML 7Page - Cypress Semiconductor CY62137FV18 Datasheet HTML 8Page - Cypress Semiconductor CY62137FV18 Datasheet HTML 9Page - Cypress Semiconductor CY62137FV18 Datasheet HTML 10Page - Cypress Semiconductor CY62137FV18 Datasheet HTML 11Page - Cypress Semiconductor CY62137FV18 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CY62137FV18 MoBL®
Document #: 001-08030 Rev. *I
Page 8 of 16
Switching Waveforms
Figure 4. Read Cycle No.1 (Address Transition Controlled) [20, 21]
Figure 5. Read Cycle No. 2 (OE Controlled) [21, 22]
PREVIOUS DATA VALID
DATA VALID
tRC
t
AA
t
OHA
ADDRESS
DATA OUT
50%
50%
DATA VALID
tRC
tACE
tLZBE
tLZCE
tPU
HIGHIMPEDANCE
ICC
tHZOE
tHZCE
tPD
tHZBE
tLZOE
tDBE
tDOE
IMPEDANCE
HIGH
ISB
DATA OUT
OE
CE
VCC
SUPPLY
CURRENT
BHE/BLE
ADDRESS
Notes
20. The device is continuously selected. OE, CE = VIL, BHE and/or BLE = VIL.
21. WE is HIGH for read cycle.
22. Address valid before or similar to CE and BHE, BLE transition LOW.
[+] Feedback


Similar Part No. - CY62137FV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV18 CYPRESS-CY62137FV18 Datasheet
449Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137FV18LL CYPRESS-CY62137FV18LL Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18LL-55BVXI CYPRESS-CY62137FV18LL-55BVXI Datasheet
449Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137FV18LL-55BVXI CYPRESS-CY62137FV18LL-55BVXI Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_09 Datasheet
469Kb / 11P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY62137FV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
CY62136FV30 CYPRESS-CY62136FV30_11 Datasheet
534Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136EV30_1106 CYPRESS-CY62136EV30_1106 Datasheet
496Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62137FV30_1106 CYPRESS-CY62137FV30_1106 Datasheet
522Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com