Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62136EV30LL-45BVXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62136EV30LL-45BVXI
Description  2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62136EV30LL-45BVXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62136EV30LL-45BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62136EV30LL-45BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62136EV30LL-45BVXI Datasheet HTML 9Page - Cypress Semiconductor CY62136EV30LL-45BVXI Datasheet HTML 10Page - Cypress Semiconductor CY62136EV30LL-45BVXI Datasheet HTML 11Page - Cypress Semiconductor CY62136EV30LL-45BVXI Datasheet HTML 12Page - Cypress Semiconductor CY62136EV30LL-45BVXI Datasheet HTML 13Page - Cypress Semiconductor CY62136EV30LL-45BVXI Datasheet HTML 14Page - Cypress Semiconductor CY62136EV30LL-45BVXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CY62136EV30 MoBL®
Document #: 38-05569 Rev. *E
Page 11 of 16
Truth Table
CE
WE
OE
BHE
BLE
Inputs/Outputs
Mode
Power
H[29]
XX
X[29]
X[29]
High Z
Deselect/power-down
Standby (ISB)
L
X
X
H
H
High Z
Output disabled
Active (ICC)
L
H
L
L
L
Data out (I/OO–I/O15)
Read
Active (ICC)
LHLHL
Data out (I/OO–I/O7);
I/O8–I/O15 in High Z
Read
Active (ICC)
L
H
L
L
H
Data Out (I/O8–I/O15);
I/O0–I/O7 in High Z
Read
Active (ICC)
L
H
H
L
L
High Z
Output disabled
Active (ICC)
L
H
H
H
L
High Z
Output disabled
Active (ICC)
L
H
H
L
H
High Z
Output disabled
Active (ICC)
L
L
X
L
L
Data in (I/OO–I/O15)
Write
Active (ICC)
L
L
X
H
L
Data in (I/OO–I/O7);
I/O8–I/O15 in High Z
Write
Active (ICC)
L
L
X
L
H
Data in (I/O8–I/O15);
I/O0–I/O7 in High Z
Write
Active (ICC)
Note
29. Chip enable (CE) and Byte enables (BHE and BLE) must be at fixed CMOS levels (not floating). Intermediate voltage levels on these pins is not permitted.
[+] Feedback


Similar Part No. - CY62136EV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136EV30LL-45BVXI CYPRESS-CY62136EV30LL-45BVXI Datasheet
574Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30LL-45BVXI CYPRESS-CY62136EV30LL-45BVXI Datasheet
498Kb / 15P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY62136EV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
CY62137FV18 CYPRESS-CY62137FV18_11 Datasheet
493Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136FV30 CYPRESS-CY62136FV30_11 Datasheet
534Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62137FV30_1106 CYPRESS-CY62137FV30_1106 Datasheet
522Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com