Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128EV30LL-45SXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62128EV30LL-45SXI
Description  1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128EV30LL-45SXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62128EV30LL-45SXI Datasheet HTML 1Page - Cypress Semiconductor CY62128EV30LL-45SXI Datasheet HTML 2Page - Cypress Semiconductor CY62128EV30LL-45SXI Datasheet HTML 3Page - Cypress Semiconductor CY62128EV30LL-45SXI Datasheet HTML 4Page - Cypress Semiconductor CY62128EV30LL-45SXI Datasheet HTML 5Page - Cypress Semiconductor CY62128EV30LL-45SXI Datasheet HTML 6Page - Cypress Semiconductor CY62128EV30LL-45SXI Datasheet HTML 7Page - Cypress Semiconductor CY62128EV30LL-45SXI Datasheet HTML 8Page - Cypress Semiconductor CY62128EV30LL-45SXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CY62128EV30 MoBL®
1-Mbit (128 K × 8) Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05579 Rev. *J
Revised June 25, 2011
1-Mbit (128 K × 8) Static RAM
Features
Very high speed: 45 ns
Temperature ranges:
Industrial: –40 °C to +85 °C
Wide voltage range: 2.2 V to 3.6 V
Pin compatible with CY62128DV30
Ultra low standby power
Typical standby current: 1 µA
Maximum standby current: 4 µA
Ultra low active power
Typical active current: 1.3 mA at f = 1 MHz
Easy memory expansion with CE1, CE2, and OE features
Automatic power-down when deselected
Complementary metal oxide semiconductor (CMOS) for
optimum speed and power
Offered in Pb-free 32-pin SOIC, 32-pin thin small outline
package (TSOP) Type I, and 32-pin shrunk thin small outline
package (STSOP) packages
Functional Description
The CY62128EV30 is a high performance CMOS static RAM
module organized as 128K words by 8-bits. This device features
advanced circuit design to provide ultra low active current. This
is ideal for providing More Battery Life™ (MoBL®) in portable
applications such as cellular telephones. The device also has an
automatic power-down feature that significantly reduces power
consumption when addresses are not toggling. Placing the
device in standby mode reduces power consumption by more
than 99 percent when deselected (CE1 HIGH or CE2 LOW). The
eight input and output pins (I/O0 through I/O7) are placed in a
high impedance state when the device is deselected (CE1 HIGH
or CE2 LOW), the outputs are disabled (OE HIGH), or a write
operation is in progress (CE1 LOW and CE2 HIGH and WE
LOW).
To write to the device, take chip enable (CE1 LOW and CE2
HIGH) and write enable (WE) inputs LOW. Data on the eight I/O
pins is then written into the location specified on the address pin
(A0 through A16).
To read from the device, take chip enable (CE1 LOW and CE2
HIGH) and output enable (OE) LOW while forcing write enable
(WE) HIGH. Under these conditions, the contents of the memory
location specified by the address pins appear on the I/O pins.
A0
I/O0
I/O7
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
A1
A2
A3
A4
A5
A6
A7
A8
A9
POWER
DOWN
WE
OE
COLUMN DECODER
128K x 8
ARRAY
INPUT BUFFER
A10
A11
CE1
CE2
Logic Block Diagram
[+] Feedback


Similar Part No. - CY62128EV30LL-45SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30LL-45SXI CYPRESS-CY62128EV30LL-45SXI Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY62128EV30LL-45SXI CYPRESS-CY62128EV30LL-45SXI Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
CY62128EV30LL-45SXI CYPRESS-CY62128EV30LL-45SXI Datasheet
920Kb / 15P
   1-Mbit (128 K 횞 8) Static RAM Typical standby current: 1 關A
CY62128EV30LL-45SXI CYPRESS-CY62128EV30LL-45SXI Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
More results

Similar Description - CY62128EV30LL-45SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
CY62137FV18 CYPRESS-CY62137FV18_11 Datasheet
493Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136FV30 CYPRESS-CY62136FV30_11 Datasheet
534Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136EV30_1106 CYPRESS-CY62136EV30_1106 Datasheet
496Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62137FV30_1106 CYPRESS-CY62137FV30_1106 Datasheet
522Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY621282BN CYPRESS-CY621282BN Datasheet
441Kb / 12P
   1-Mbit (128K x 8) Static RAM Automatic power-down when deselected
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com