Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29940 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY29940
Description  2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29940 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY29940 Datasheet HTML 1Page - Cypress Semiconductor CY29940 Datasheet HTML 2Page - Cypress Semiconductor CY29940 Datasheet HTML 3Page - Cypress Semiconductor CY29940 Datasheet HTML 4Page - Cypress Semiconductor CY29940 Datasheet HTML 5Page - Cypress Semiconductor CY29940 Datasheet HTML 6Page - Cypress Semiconductor CY29940 Datasheet HTML 7Page - Cypress Semiconductor CY29940 Datasheet HTML 8Page - Cypress Semiconductor CY29940 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY29940
Document #: 38-07283 Rev. *E
Page 2 of 10
Pin Description[1]
Pin
Name
PWR
I/O
Description
5
PECL_CLK
I, PU
PECL Input Clock
6
PECL_CLK#
I, PD
PECL Input Clock
3
TCLK
I, PD
External Reference/Test Clock Input
9, 10, 11, 13, 14,
15, 18, 19, 20, 22,
23, 24, 26, 27, 28,
30, 31, 32
Q(17:0)
VDDC
O
Clock Outputs
4
TCLK_SEL
I, PD
Clock Select Input. When LOW, PECL clock is selected and when HIGH
TCLK is selected.
8, 16, 29
VDDC
3.3 V or 2.5 V Power Supply for Output Clock Buffers
7, 21
VDD
3.3 V or 2.5 V Power Supply
1, 2, 12, 17, 25
VSS
Common Ground
Note
1. PD = Internal Pull-Down, PU = Internal Pull-up
[+] Feedback


Similar Part No. - CY29940

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29940 CYPRESS-CY29940 Datasheet
189Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940 Datasheet
256Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
   2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29940AC CYPRESS-CY29940AC Datasheet
189Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940AC CYPRESS-CY29940AC Datasheet
256Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
More results

Similar Description - CY29940

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29946 CYPRESS-CY29946_11 Datasheet
402Kb / 9P
   2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
CY29946 CYPRESS-CY29946_12 Datasheet
402Kb / 9P
   2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_12 Datasheet
386Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_11 Datasheet
386Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer LVCMOS-/LVTTL-compatible inputs
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
   2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_06 Datasheet
256Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940 Datasheet
189Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29943 CYPRESS-CY29943 Datasheet
188Kb / 7P
   2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
CY29942 CYPRESS-CY29942 Datasheet
184Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
B9940L CYPRESS-B9940L Datasheet
182Kb / 5P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com