Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29350AXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY29350AXI
Description  2.5 V or 3.3 V, 200-MHz, 9-Output Clock Driver Nine Clock outputs: Drive up to 18 clock lines
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29350AXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY29350AXI Datasheet HTML 3Page - Cypress Semiconductor CY29350AXI Datasheet HTML 4Page - Cypress Semiconductor CY29350AXI Datasheet HTML 5Page - Cypress Semiconductor CY29350AXI Datasheet HTML 6Page - Cypress Semiconductor CY29350AXI Datasheet HTML 7Page - Cypress Semiconductor CY29350AXI Datasheet HTML 8Page - Cypress Semiconductor CY29350AXI Datasheet HTML 9Page - Cypress Semiconductor CY29350AXI Datasheet HTML 10Page - Cypress Semiconductor CY29350AXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CY29350
Document Number: 38-07474 Rev. *C
Page 7 of 13
AC Electrical Specifications
(VDD = 2.5 V ± 5%, TA = –40 °C to +85 °C) [6]
Parameter
Description
Condition
Min
Typ
Max
Unit
fVCO
VCO Frequency
200
380
MHz
fin
Input Frequency
16 Feedback
12.5
23.75
MHz
32 Feedback
6.25
11.87
Bypass mode (PLL_EN = 0)
0
200
fXTAL
Crystal Oscillator Frequency
10
23.75
MHz
frefDC
Input Duty Cycle
25
75
%
tr , tf
TCLK Input Rise/FallTime
0.7 V to 1.7 V
1.0
ns
fMAX
Maximum Output Frequency
2 Output
100
190
MHz
4 Output
50
95
8 Output
25
47.5
DC
Output Duty Cycle
fMAX < 100 MHz
47.5
52.5
%
fMAX > 100 MHz
45
55
tr, tf
Output Rise/Fall times
0.6V to 1.8V
0.1
1.0
ns
tsk(O)
Output-to-Output Skew
150
ps
tPLZ, HZ
Output Disable Time
10
ns
tPZL, ZH
Output Enable Time
10
ns
BW
PLL Closed Loop Bandwidth (–3 dB)
16 Feedback
0.7–0.9
MHz
32 Feedback
0.6–0.8
tJIT(CC)
Cycle-to-Cycle Jitter
Same frequency
150
ps
Multiple frequencies
250
tJIT(PER)
Period Jitter
Same frequency
100
ps
Multiple frequencies
175
tLOCK
Maximum PLL Lock Time
1
ms
Note
6. AC characteristics apply for parallel output termination of 50
to VTT. Parameters are guaranteed by characterization and are not 100% tested.
[+] Feedback


Similar Part No. - CY29350AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29350AI CYPRESS-CY29350AI Datasheet
186Kb / 7P
   2.5V or 3.3V, 200-MHz, 9-Output Clock Driver
CY29350AIT CYPRESS-CY29350AIT Datasheet
186Kb / 7P
   2.5V or 3.3V, 200-MHz, 9-Output Clock Driver
More results

Similar Description - CY29350AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29940 CYPRESS-CY29940_11 Datasheet
392Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
CY29946 CYPRESS-CY29946_11 Datasheet
402Kb / 9P
   2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
CY29946 CYPRESS-CY29946_12 Datasheet
402Kb / 9P
   2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_12 Datasheet
386Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer
CY29350 CYPRESS-CY29350 Datasheet
186Kb / 7P
   2.5V or 3.3V, 200-MHz, 9-Output Clock Driver
logo
ON Semiconductor
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA030 ONSEMI-NBXSBA030 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com