Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25568SXCT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY25568SXCT
Description  Spread Spectrum Clock Generator 4 to 32 MHz Input frequency range
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25568SXCT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY25568SXCT Datasheet HTML 1Page - Cypress Semiconductor CY25568SXCT Datasheet HTML 2Page - Cypress Semiconductor CY25568SXCT Datasheet HTML 3Page - Cypress Semiconductor CY25568SXCT Datasheet HTML 4Page - Cypress Semiconductor CY25568SXCT Datasheet HTML 5Page - Cypress Semiconductor CY25568SXCT Datasheet HTML 6Page - Cypress Semiconductor CY25568SXCT Datasheet HTML 7Page - Cypress Semiconductor CY25568SXCT Datasheet HTML 8Page - Cypress Semiconductor CY25568SXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CY25568
Document Number: 38-07111 Rev. *D
Page 3 of 14
Pinouts
Figure 1. CY25568 - 16 Pin SOIC
General Description
The Cypress CY25568 is a spread spectrum clock generator
(SSCG) IC used for the purpose of reducing electro magnetic
interference (EMI) found in today's high-speed digital electronic
systems.
The CY25568 uses a Cypress proprietary phase-locked loop
(PLL) and spread spectrum clock (SSC) technology to
synthesize and modulate the frequency of the digital clock. By
frequency modulating the clock, the measured EMI at the
fundamental and harmonic frequencies is greatly reduced.
This reduction in radiated energy can significantly reduce the
cost of complying with regulatory agency requirements and
improve time to market without degrading system performance.
The CY25568 input frequency range is 4 to 32 MHz and accepts
clock, crystal, and ceramic resonator inputs. The output clocks
can be programmed to produce 1x, 2x, and 4x multiplication of
the input frequency with spread spectrum. A separate
non-modulated reference clock is also provided.
The use of 2x or 4x frequency multiplication eliminates the need
for higher order crystals and allows the user to generate up to
128 MHz spread spectrum clock (SSC) by using only first order
crystals. This reduces the cost while improving the system clock
accuracy, performance and complexity
center spread or down spread frequency modulation can be
selected by the user based on 4 discrete values of Spread% for
each spread mode with the option of a non-spread mode for
system test and verification purposes.
The CY25568 is available in a 16 pin SOIC (150-mil.) package
with a commercial operating temperature range of 0 to 70
C.
Contact Cypress for availability of –25 to +85
C industrial
temperature range operation. Refer to CY25811/12/14 products
for 8-pin SOIC package versions of the CY25568.
Pin Definitions
Pin
Function
Description
1
Xin/CLK
Clock, crystal or ceramic resonator input pin
2VSS
Power supply ground.
3VSS
Power supply ground.
4
S1
Digital Spread% control pin 3-Level input (H-M-L). Default= M.
5
S0
Digital Spread% control pin 3-Level input (H-M-L). Default= M.
6
SSCLK1
Output clock. Refer to Table 2 on page 5 for frequency programmability.
7
REFOUT
Reference clock output. The same frequency as Xin/CLK input.
8
SSCLK3
Output clock. Refer to Table 2 on page 5 for frequency programmability.
9
SSCLK2
Output clock. Refer to Table 2 on page 5 for frequency programmability.
10
PD#
Power-down control Internally pulled to VDD, Default= High.
11
FRSEL
Input frequency range selection digital control input 3-Level input (H-M-L). Default= M.
12
VDD
Positive power supply.
13
VDD
Positive power supply.
14
D0
3-Level (H-M-L) Digital output clock scaling control. Refer to Table 2 on page 5. Default= M.
15
D1
3-Level (H-M-L) Digital output clock scaling control. Refer to Table 2 on page 5. Default= M.
16
XOUT
Crystal or ceramic resonator output pin
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
XOUT
D1
D0
VDD
VDD
FRSEL
PD#
SSCLK2
XIN/CLKIN
VSS
VSS
S1
S0
SSCLK1
REFOUT
SSCK3
CY25568


Similar Part No. - CY25568SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25568SC CYPRESS-CY25568SC Datasheet
109Kb / 12P
   Spread Spectrum Clock Generator
More results

Similar Description - CY25568SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25819 CYPRESS-CY25819_11 Datasheet
450Kb / 13P
   Spread Spectrum Clock Generator 8- to 32-MHz input frequency range
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com