Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25423SXIT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY25423SXIT
Description  Three PLL Programmable Clock Generator with Spread Spectrum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25423SXIT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY25423SXIT Datasheet HTML 1Page - Cypress Semiconductor CY25423SXIT Datasheet HTML 2Page - Cypress Semiconductor CY25423SXIT Datasheet HTML 3Page - Cypress Semiconductor CY25423SXIT Datasheet HTML 4Page - Cypress Semiconductor CY25423SXIT Datasheet HTML 5Page - Cypress Semiconductor CY25423SXIT Datasheet HTML 6Page - Cypress Semiconductor CY25423SXIT Datasheet HTML 7Page - Cypress Semiconductor CY25423SXIT Datasheet HTML 8Page - Cypress Semiconductor CY25423SXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CY25403/CY25423/CY25483
Document #: 001-12564 Rev. *F
Page 5 of 14
Absolute Maximum Conditions
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply voltage for CY25403/CY25423/CY25483 –
–0.5
4.5
V
VIN
Input voltage for CY25403/CY25423/CY25483
Relative to VSS
–0.5
VDD+0.5 V
TS
Temperature, Storage
Non Functional
–65
+150
°C
ESDHBM
ESD protection (human body model)
JEDEC EIA/JESD22-A114-E
2000
Volts
UL-94
Flammability rating
V-0 at 1/8 in.
10
ppm
MSL
Moisture sensitivity level
SOIC package
–3
Recommended Operating Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
VDD operating voltage for CY25403/CY25423/CY25483
2.25
3.60
V
TAC
Commercial ambient temperature
0
+70
°C
TAI
Industrial ambient temperature
–40
--
+85
°C
CLOAD
Maximum load capacitance
15
pF
tPU
Power-up time for all VDD to reach minimum specified voltage
(power ramps must be monotonic)
0.05
500
ms


Similar Part No. - CY25423SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25423SXI-XXX CYPRESS-CY25423SXI-XXX Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25423SXI-XXXT CYPRESS-CY25423SXI-XXXT Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
More results

Similar Description - CY25423SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545_0710 CYPRESS-CY2545_0710 Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com