Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25483SXCT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY25483SXCT
Description  Three PLL Programmable Clock Generator with Spread Spectrum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25483SXCT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY25483SXCT Datasheet HTML 5Page - Cypress Semiconductor CY25483SXCT Datasheet HTML 6Page - Cypress Semiconductor CY25483SXCT Datasheet HTML 7Page - Cypress Semiconductor CY25483SXCT Datasheet HTML 8Page - Cypress Semiconductor CY25483SXCT Datasheet HTML 9Page - Cypress Semiconductor CY25483SXCT Datasheet HTML 10Page - Cypress Semiconductor CY25483SXCT Datasheet HTML 11Page - Cypress Semiconductor CY25483SXCT Datasheet HTML 12Page - Cypress Semiconductor CY25483SXCT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CY25403/CY25423/CY25483
Document #: 001-12564 Rev. *F
Page 9 of 14
Ordering Information
Some product offerings are factory programmed customer specific devices with customized part numbers. The Possible
Configurations table shows the available device types, but not complete part numbers. Contact your local Cypress FAE of Sales
Representative for more information
Possible Configurations
Part Number
Type
Package
Supply Voltage
Production Flow
Pb-free
CY25403SXC
Field Programmable
8-pin SOIC
2.5 V, 3.0 V, or 3.3 V Commercial, 0 °C to 70 °C
CY25403SXCT
Field Programmable
8-pin SOIC -Tape and Reel 2.5 V, 3.0 V, or 3.3 V Commercial, 0 °C to 70 °C
CY25423SXC
Field Programmable
8-pin SOIC
1.8 V
Commercial, 0 °C to 70 °C
CY25423SXCT
Field Programmable
8-pin SOIC -Tape and Reel 1.8 V
Commercial, 0 °C to 70 °C
CY25483SXC
Field Programmable
8-pin SOIC
2.5 V, 3.0 V, or 3.3 V Commercial, 0 °C to 70 °C
CY25483SXCT
Field Programmable
8-pin SOIC -Tape and Reel 2.5 V, 3.0 V, or 3.3 V Commercial, 0 °C to 70 °C
CY25403SXI
Field Programmable
8-pin SOIC
2.5 V, 3.0 V, or 3.3 V Industrial, –40 °C to +85 °C
CY25403SXIT
Field Programmable
8-pin SOIC -Tape and Reel 2.5 V, 3.0 V, or 3.3 V Industrial, –40 °C to +85 °C
CY25423SXI
Field Programmable
8-pin SOIC
1.8 V
Industrial, –40 °C to +85 °C
CY25423SXIT
Field Programmable
8-pin SOIC -Tape and Reel 1.8 V
Industrial, –40 °C to +85 °C
CY25483SXI
Field Programmable
8-pin SOIC
2.5 V, 3.0 V, or 3.3 V Industrial, –40 °C to +85 °C
CY25483SXIT
Field Programmable
8-pin SOIC -Tape and Reel 2.5 V, 3.0 V, or 3.3 V Industrial, –40 °C to +85 °C
Programmer
CY3675-CLKMAKER1
Programming Kit
CY3675-SOIC8A
Socket Adapter Board, for programming CY25402, CY25403, CY25422,
CY25423, CY25482, and CY25483
Part Number[5]
Type
VDD(V)
Production Flow
Pb-free
CY25403/CY25423/CY254
83SXC-xxx
8-pin SOIC
Supply Voltage: 2.5 V, 3.0 V, or 3.3 V
Commercial, 0 °C to 70 °C
CY25403/CY25423/CY254
83SXC-xxxT
8-pin SOIC -Tape and Reel Supply Voltage: 2.5 V, 3.0 V, or 3.3 V
Commercial, 0 °C to 70 °C
CY25403/CY25423/CY254
83SXI-xxx
8-pin SOIC
Supply Voltage: 2.5 V, 3.0 V, or 3.3 V
Industrial, –40 °C to +85 °C
CY25403/CY25423/CY254
83SXI-xxxT
8-pin SOIC -Tape and Reel Supply Voltage: 2.5 V, 3.0 V, or 3.3 V
Industrial, –40 °C to +85 °C
Notes
5. xxx indicates factory programmed parts based on customer specific configuration. For more details, contact your local Cypress FAE or Sales Representative.


Similar Part No. - CY25483SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25482 CYPRESS-CY25482 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25482 CYPRESS-CY25482 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25482SXC CYPRESS-CY25482SXC Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25482SXC-XXX CYPRESS-CY25482SXC-XXX Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25482SXC-XXX CYPRESS-CY25482SXC-XXX Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
More results

Similar Description - CY25483SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545_0710 CYPRESS-CY2545_0710 Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com