Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25483SXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY25483SXC
Description  Three PLL Programmable Clock Generator with Spread Spectrum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25483SXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY25483SXC Datasheet HTML 3Page - Cypress Semiconductor CY25483SXC Datasheet HTML 4Page - Cypress Semiconductor CY25483SXC Datasheet HTML 5Page - Cypress Semiconductor CY25483SXC Datasheet HTML 6Page - Cypress Semiconductor CY25483SXC Datasheet HTML 7Page - Cypress Semiconductor CY25483SXC Datasheet HTML 8Page - Cypress Semiconductor CY25483SXC Datasheet HTML 9Page - Cypress Semiconductor CY25483SXC Datasheet HTML 10Page - Cypress Semiconductor CY25483SXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CY25403/CY25423/CY25483
Document #: 001-12564 Rev. *F
Page 7 of 14
AC Electrical Specifications
Parameter
Description
Conditions
Min
Typ
Max
Unit
FIN (crystal) Crystal frequency, XIN
8
48
MH
z
FIN (clock)
Input clock frequency (EXCLKIN)
8
166
MH
z
FCLK
Output clock frequency
3
166
MH
z
DC
Output duty cycle, all clocks except ref
out
Duty Cycle is defined in Figure 3 on page 8;
t1/t2, measured at 50% of VDD
45
50
55
%
DC
Ref out duty cycle
Ref In Min 45%, Max 55%
40
60
%
TRF1
[3]
Output rise/fall time
Measured from 20% to 80% of VDD, as
shown in Figure 4 on page 8, CL = 15 pF,
drive strength [00]
–6.8
ns
TRF2
[3]
Output rise/fall time
Measured from 20% to 80% of VDD, as
shown in Figure 4 on page 8, CL = 15 pF,
drive strength [01]
–3.4
ns
TRF3
[3]
Output rise/fall time
Measured from 20% to 80% of VDD, as
shown in Figure 4 on page 8, CL = 15 pF,
drive strength [10]
–2.0
ns
TRF4
[3]
Output rise/fall time
Measured from 20% to 80% of VDD, as
shown in Figure 4 on page 8, CL = 15 pF,
drive strength [11]
–1.0
ns
TCCJ
[3, 4]
Cycle-to-cycle jitter (peak)
Configuration dependent. See
Table Configuration Example for C-C Jitter
100
ps
TLOCK
[3]
PLL lock time
Measured from 90% of the applied power
supply level
–1
3
ms
Configuration Example for C-C Jitter
Ref. Frequency
(MHz)
CLK1 Output
CLK2 Output
CLK3 Output
Freq. (MHz)
C-C Jitter Typ
(ps)
Freq. (MHz)
C-C Jitter Typ
(ps)
Freq. (MHz)
C-C Jitter Typ
(ps)
14.3181
8.0
134
166
103
48
92
19.2
74.25
99
166
94
8
91
27
48
67
27
109
166
103
48
48
93
27
123
166
137
Recommended Crystal Specification for SMD Package
Parameter
Description
Range 1 Range 2 Range 3 Unit
Fmin
Minimum frequency
8
14
28
MHz
Fmax
Maximum frequency
14
28
48
MHz
R1
Motional resistance (ESR)
135
50
30
C0
Shunt capacitance
4
4
2
pF
CL
Parallel load capacitance
18
14
12
pF
DL(max)
Maximum crystal drive level
300
300
300
µW


Similar Part No. - CY25483SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25482 CYPRESS-CY25482 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25482 CYPRESS-CY25482 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25482SXC CYPRESS-CY25482SXC Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25482SXC-XXX CYPRESS-CY25482SXC-XXX Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25482SXC-XXX CYPRESS-CY25482SXC-XXX Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
More results

Similar Description - CY25483SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545_0710 CYPRESS-CY2545_0710 Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com