Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY223811FXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY223811FXI
Description  Three-PLL General Purpose FLASH Programmable Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY223811FXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY223811FXI Datasheet HTML 3Page - Cypress Semiconductor CY223811FXI Datasheet HTML 4Page - Cypress Semiconductor CY223811FXI Datasheet HTML 5Page - Cypress Semiconductor CY223811FXI Datasheet HTML 6Page - Cypress Semiconductor CY223811FXI Datasheet HTML 7Page - Cypress Semiconductor CY223811FXI Datasheet HTML 8Page - Cypress Semiconductor CY223811FXI Datasheet HTML 9Page - Cypress Semiconductor CY223811FXI Datasheet HTML 10Page - Cypress Semiconductor CY223811FXI Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CY22381
CY223811
Document #: 38-07012 Rev. *I
Page 10 of 11
Document History Page
Document Title: CY22381, CY223811 Three-PLL General Purpose Flash Programmable Clock Generator
Document Number: 38-07012
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
106737
TLG
07/03/01
New data sheet
*A
108514
JWK
08/23/01
Updated based on characterization results. Removed “Preliminary” heading
Removed soldering temperature rating. Split crystal load into two typical specs
representing digital settings range. Changed t5 max to 300 ns
Changed t6 typical to 200 ps. Changed t7 typical to 1.0 ms
*B
110053
CKN
12/10/01
Changed from preliminary to final
*C
121863
RBI
12/14/02
Added power up requirements to Operating Conditions information
*D
279431
RGL
See ECN
Added lead-free devices
*E
2584052
AESA
10/10/08
Updated template. Added Note 8 and 9. Added part number CY22381FC,
CY22381FCT, CY3672-USB, CY3699, CY22381FSZC in ordering information
table. Removed part number CY22381FI, CY22381FIT, CY22381SC-xxx,
CY22381SC-xxxT, CY22381SI-xxx, and CY22381SI-xxxT in Ordering
Information table. Added CY223811FXI (NiPdAu lead finish). Changed
Lead-Free to Pb-Free.
*F
2620588
KVM/AESA
12/11/08
Add CY223811 to the document title
Distinguish between CY22381 and CY223811 in page 1 Features section
Add part number CY22381SI-xxxT in Ordering Information table.
*G
2897317
KVM
03/22/10
Removed obsolete parts from Ordering Information table and moved ‘xx’ parts
to Possible Configurations table
Updated package diagram
*H
3065190
KVM/BASH
01/17/11
Add crystal parameter table, ordering code definition, acronym and units tables.
Crystal Drive Level and Power. Remove FTG from CY3672.
Removed Benefits section and replaced with Functional Description section.
*I
3259420
BASH
05/17/2011 Updated as per template
[+] Feedback


Similar Part No. - CY223811FXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY223811FXI CYPRESS-CY223811FXI Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY223811FXI CYPRESS-CY223811FXI Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results

Similar Description - CY223811FXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com