Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22150KZXI-XXXT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY22150KZXI-XXXT
Description  One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22150KZXI-XXXT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY22150KZXI-XXXT Datasheet HTML 1Page - Cypress Semiconductor CY22150KZXI-XXXT Datasheet HTML 2Page - Cypress Semiconductor CY22150KZXI-XXXT Datasheet HTML 3Page - Cypress Semiconductor CY22150KZXI-XXXT Datasheet HTML 4Page - Cypress Semiconductor CY22150KZXI-XXXT Datasheet HTML 5Page - Cypress Semiconductor CY22150KZXI-XXXT Datasheet HTML 6Page - Cypress Semiconductor CY22150KZXI-XXXT Datasheet HTML 7Page - Cypress Semiconductor CY22150KZXI-XXXT Datasheet HTML 8Page - Cypress Semiconductor CY22150KZXI-XXXT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CY22150
Document #: 38-07104 Rev. *K
Page 3 of 18
Pin Configuration
Figure 1. 16-Pin TSSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VSS
VSSL
SCLK
LCLK1
XIN
XOUT
VDD
SDAT
AVSS
LCLK3
LCLK2
CLK6
CLK5
AVDD
VDDL
LCLK4
Table 1. Pin Definitions
Name
Number
Description
XIN
1
Reference Input. Driven by a crystal (8 MHz to 30 MHz) or external clock (1 MHz to 133 MHz).
Programmable input load capacitors allow for maximum flexibility in selecting a crystal,
regardless of manufacturer, process, performance, or quality
VDD
2
3.3 V Voltage Supply
AVDD
3
3.3 V Analog Voltage Supply
SDAT
4
I2C Serial Data Input
AVSS
5
Analog Ground
VSSL
6
LCLK Ground
LCLK1
7
Configurable Clock Output 1 at VDDL level (3.3 V or 2.5 V)
LCLK2
8
Configurable Clock Output 2 at VDDL level (3.3 V or 2.5 V)
LCLK3
9
Configurable Clock Output 3 at VDDL level (3.3 V or 2.5 V)
SCLK
10
I2C Serial Clock Output
VDDL
11
LCLK Voltage Supply (2.5 V or 3.3 V)
LCLK4
12
Configurable Clock Output 4 at VDDL level (3.3 V or 2.5 V)
VSS
13
Ground
CLK5
14
Configurable Clock Output 5 (3.3 V)
CLK6
15
Configurable Clock Output 6 (3.3 V)
XOUT[1]
16
Reference Output
Note
1. Float XOUT if XIN is driven by an external clock source.
[+] Feedback


Similar Part No. - CY22150KZXI-XXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22150KZXI-xxxT CYPRESS-CY22150KZXI-xxxT Datasheet
389Kb / 16P
   One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
More results

Similar Description - CY22150KZXI-XXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22050 CYPRESS-CY22050_11 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY22050 CYPRESS-CY22050_09 Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22050 CYPRESS-CY22050 Datasheet
156Kb / 9P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22150 CYPRESS-CY22150 Datasheet
211Kb / 13P
   One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
CY22150 CYPRESS-CY22150_09 Datasheet
389Kb / 16P
   One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com