Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23EP09ZXC-1HT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY23EP09ZXC-1HT
Description  2.5 V or 3.3 V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23EP09ZXC-1HT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY23EP09ZXC-1HT Datasheet HTML 1Page - Cypress Semiconductor CY23EP09ZXC-1HT Datasheet HTML 2Page - Cypress Semiconductor CY23EP09ZXC-1HT Datasheet HTML 3Page - Cypress Semiconductor CY23EP09ZXC-1HT Datasheet HTML 4Page - Cypress Semiconductor CY23EP09ZXC-1HT Datasheet HTML 5Page - Cypress Semiconductor CY23EP09ZXC-1HT Datasheet HTML 6Page - Cypress Semiconductor CY23EP09ZXC-1HT Datasheet HTML 7Page - Cypress Semiconductor CY23EP09ZXC-1HT Datasheet HTML 8Page - Cypress Semiconductor CY23EP09ZXC-1HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CY23EP09
Document #: 38-07760 Rev. *C
Page 5 of 17
Absolute Maximum Conditions
Supply voltage to ground potential .................–0.5 V to 4.6 V
DC input voltage .....................................VSS – 0.5 V to 4.6 V
Storage temperature................................... –65 °C to 150 °C
Junction temperature.................................................. 150 °C
Static discharge voltage
(per MIL-STD-883, Method 3015............................. > 2000 V
Operating Conditions
Parameter
Description
Min
Max
Unit
VDD3.3
3.3 V supply voltage
3.0
3.6
V
VDD2.5
2.5 V supply voltage
2.3
2.7
V
TA
Operating temperature (ambient temperature)—commercial
0
70
°C
Operating temperature (ambient temperature)—industrial
–40
85
°C
CL[5]
Load capacitance, <100 MHz, 3.3 V
30
pF
Load capacitance, <100 MHz, 2.5 V with High drive
30
pF
Load capacitance, <133.3 MHz, 3.3 V
22
pF
Load capacitance, <133.3 MHz, 2.5 V with High drive
22
pF
Load capacitance, <133.3 MHz, 2.5 V with Standard drive
15
pF
Load capacitance, >133.3 MHz, 3.3 V
15
pF
Load capacitance, >133.3 MHz, 2.5 V with High drive
15
pF
CIN
Input capacitance[6]
–5
pF
BW
Closed-loop bandwidth (typical), 3.3 V
1–1.5
MHz
Closed-loop bandwidth (typical), 2.5 V
0.8
MHz
ROUT
Output impedance (typical), 3.3 V High drive
29
Output impedance (typical), 3.3 V Standard drive
41
Output impedance (typical), 2.5 V High drive
37
Output impedance (typical), 2.5 V Standard drive
41
tPU
Power-up time for all VDD’s to reach minimum specified voltage
(power ramps must be monotonic)
0.01
50
ms
Theta Ja[7]
Dissipation, Junction to ambient, 16-pin SOIC
95
°C/W
Dissipation, Junction to ambient, 16-pin TSSOP
70
°C/W
Theta Jc[7]
Dissipation, Junction to case, 16-pin SOIC
58
°C/W
Dissipation, Junction to case, 16-pin TSSOP
48
°C/W
3.3 V DC Electrical Specifications
Parameter
Description
Test Conditions
Min
Max
Unit
VDD
Supply voltage
3.0
3.6
V
VIL
Input LOW voltage
0.8
V
VIH
Input HIGH voltage
2.0
VDD+0.3
V
IIL
Input leakage current
0 < VIN < VIL
–±10
A
IIH
Input HIGH current
VIN = VDD
–100
A
VOL
Output LOW voltage
IOL = 8 mA (standard drive)
IOL = 12 mA (High drive)
0.4
0.4
V
V
VOH
Output HIGH voltage
IOH = –8 mA (standard drive)
IOH = –12 mA (High drive)
2.4
2.4
V
V
IDD (PD mode)
Power down supply current
REF = 0 MHz (Commercial)
12
A
REF = 0 MHz (Industrial)
25
A
IDD
Supply current
Unloaded outputs, 66-MHz REF
30
mA
Notes
5. Applies to Test Circuit #1.
6. Applies to both REF Clock and internal feedback path on CLKOUT.
7. Theta Ja, EIA JEDEC 51 test board conditions, 2S2P; Theta Jc Mil-Spec 883E Method 1012.1.
[+] Feedback


Similar Part No. - CY23EP09ZXC-1HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23EP09ZXC-1HT CYPRESS-CY23EP09ZXC-1HT Datasheet
355Kb / 13P
   2.5V or 3.3V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
More results

Similar Description - CY23EP09ZXC-1HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23EP05 CYPRESS-CY23EP05_11 Datasheet
626Kb / 15P
   2.5 V or 3.3 V,10-220-MHz, Low Jitter, 5 Output Zero Delay Buffer
CY23EP09 CYPRESS-CY23EP09 Datasheet
355Kb / 13P
   2.5V or 3.3V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
CY29352 CYPRESS-CY29352_11 Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
CY29352 CYPRESS-CY29352_12 Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
CY23EP05 CYPRESS-CY23EP05 Datasheet
392Kb / 12P
   2.5V or 3.3V,10- 220 MHz, Low Jitter, 5 Output Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08_12 Datasheet
456Kb / 15P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY23FS04-3 CYPRESS-CY23FS04-3 Datasheet
458Kb / 13P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08_11 Datasheet
456Kb / 15P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY29972 CYPRESS-CY29972_12 Datasheet
425Kb / 13P
   3.3 V, 125-MHz Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_11 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com