Electronic Components Datasheet Search |
|
CY22150FZXC Datasheet(PDF) 8 Page - Cypress Semiconductor |
|
CY22150FZXC Datasheet(HTML) 8 Page - Cypress Semiconductor |
8 / 18 page CY22150 Document #: 38-07104 Rev. *K Page 8 of 18 Clock Output Settings: CLKSRC – Clock Output Crosspoint Switch Matrix [44H(7..0)], [45H(7..0)], [46H(7..6)] Every clock output can be defined to come from one of seven unique frequency sources. The CLKSRC(2..0) crosspoint switch matrix defines which source is attached to each individual clock output. CLKSRC(2..0) is set in Registers 44H, 45H, and 46H. The remainder of register 46H(5:0) must be written with the values stated in the register table when writing register values 46H(7:6). When DIV1N is divisible by four, then CLKSRC(0,1,0) is guaranteed to be rising edge phase-aligned with CLKSRC(0,0,1). When DIV1N is six, then CLKSRC(0,1,1) is guaranteed to be rising edge phase-aligned with CLKSRC(0,0,1). When DIV2N is divisible by four, then CLKSRC(1,0,1) is guaranteed to be rising edge phase-aligned with CLKSRC(1,0,0). When DIV2N is divisible by eight, then CLKSRC(1,1,0) is guaranteed to be rising edge phase-aligned with CLKSRC(1,0,0). CLKOE – Clock Output Enable Control [09H(5..0)] Each clock output has its own output enable, controlled by register 09H(5..0). To enable an output, set the corresponding CLKOE bit to 1. CLKOE settings are in Table 13 on page 8. The output swing of LCLK1 through LCLK4 is set by VDDL. The output swing of CLK5 and CLK6 is set by VDD. Test, Reserved, and Blank Registers Writing to any of the following registers causes the part to exhibit abnormal behavior, as follows. [00H to 08H] – Reserved [0AH to 0BH] – Reserved [0DH to 11H] – Reserved [14H to 3FH] – Reserved [43H] – Reserved [48H to FFH] – Reserved. Table 11. Clock Output Setting CLKSRC2 CLKSRC1 CLKSRC0 Definition and Notes 0 0 0 Reference input. 0 0 1 DIV1CLK/DIV1N. DIV1N is defined by register [OCH]. Allowable values for DIV1N are 4 to 127. If Divider Bank 1 is not being used, set DIV1N to 8. 0 1 0 DIV1CLK/2. Fixed /2 divider option. If this option is used, DIV1N must be divisible by 4. 0 1 1 DIV1CLK/3. Fixed /3 divider option. If this option is used, set DIV1N to 6. 1 0 0 DIV2CLK/DIV2N. DIV2N is defined by Register [47H]. Allowable values for DIV2N are 4 to 127. If Divider Bank 2 is not being used, set DIV2N to 8. 1 0 1 DIV2CLK/2. Fixed /2 divider option. If this option is used, DIV2N must be divisible by 4. 1 1 0 DIV2CLK/4. Fixed /4 divider option. If this option is used, DIV2N must be divisible by 8. 1 1 1 Reserved – do not use. Table 12. Clock Output Register Setting Address D7 D6 D5 D4 D3 D2 D1 D0 44H CLKSRC2 for LCLK1 CLKSRC1 for LCLK1 CLKSRC0 for LCLK1 CLKSRC2 for LCLK2 CLKSRC1 for LCLK2 CLKSRC0 for LCLK2 CLKSRC2 for LCLK3 CLKSRC1 for LCLK3 45H CLKSRC0 for LCLK3 CLKSRC2 for LCLK4 CLKSRC1 for LCLK4 CLKSRC0 for LCLK4 CLKSRC2 for CLK5 CLKSRC1 for CLK5 CLKSRC0 for CLK5 CLKSRC2 for CLK6 46H CLKSRC1 for CLK6 CLKSRC0 for CLK6 11 11 11 Table 13. CLKOE Bit Setting Address D7 D6 D5 D4 D3 D2 D1 D0 09H 0 0 CLK6 CLK5 LCLK4 LCLK3 LCLK2 LCLK1 [+] Feedback |
Similar Part No. - CY22150FZXC |
|
Similar Description - CY22150FZXC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |