Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14V101NA-BA25XI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY14V101NA-BA25XI
Description  1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14V101NA-BA25XI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY14V101NA-BA25XI Datasheet HTML 1Page - Cypress Semiconductor CY14V101NA-BA25XI Datasheet HTML 2Page - Cypress Semiconductor CY14V101NA-BA25XI Datasheet HTML 3Page - Cypress Semiconductor CY14V101NA-BA25XI Datasheet HTML 4Page - Cypress Semiconductor CY14V101NA-BA25XI Datasheet HTML 5Page - Cypress Semiconductor CY14V101NA-BA25XI Datasheet HTML 6Page - Cypress Semiconductor CY14V101NA-BA25XI Datasheet HTML 7Page - Cypress Semiconductor CY14V101NA-BA25XI Datasheet HTML 8Page - Cypress Semiconductor CY14V101NA-BA25XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CY14V101LA
CY14V101NA
Document #: 001-53953 Rev. *H
Page 4 of 22
Device Operation
The CY14V101LA/CY14V101NA nvSRAM is made up of two
functional components paired in the same physical cell. They are
an SRAM memory cell and a non-volatile QuantumTrap cell. The
SRAM memory cell operates as a standard fast static RAM. Data
in the SRAM is transferred to the non-volatile cell (the STORE
operation), or from the non-volatile cell to the SRAM (the
RECALL operation). Using this unique architecture, all cells are
stored and recalled in parallel. During the STORE and RECALL
operations, SRAM read and write operations are inhibited. The
CY14V101LA/CY14V101NA supports infinite reads and writes
similar to a typical SRAM. In addition, it provides infinite RECALL
operations from the non-volatile cells and up to 1 million STORE
operations. Refer to the Truth Table For SRAM Operations on
page 17 for a complete description of read and write modes.
SRAM Read
The CY14V101LA/CY14V101NA performs a read cycle when
CE and OE are LOW and WE and HSB are HIGH. The address
specified on pins A0–16 or A0–15 determines which of the 131,072
data bytes or 65,536 words of 16 bits each are accessed. Byte
enables (BHE, BLE) determine which bytes are enabled to the
output, in the case of 16-bit words. When the read is initiated by
an address transition, the outputs are valid after a delay of tAA
(read cycle 1). If the read is initiated by CE or OE, the outputs
are valid at tACE or at tDOE, whichever is later (read cycle 2). The
data output repeatedly responds to address changes within the
tAA access time without the need for transitions on any control
input pins. This remains valid until another address change or
until CE or OE is brought HIGH, or WE or HSB is brought LOW.
SRAM Write
A write cycle is performed when CE and WE are LOW and HSB
is HIGH. The address inputs must be stable before entering the
write cycle and must remain stable until CE or WE goes HIGH at
the end of the cycle. The data on the common I/O pins DQ0–15
are written into the memory if the data is valid tSD before the end
of a WE-controlled write or before the end of a CE-controlled
write. The Byte Enable inputs (BHE, BLE) determine which bytes
are written, in the case of 16-bit words. Keep OE HIGH during
the entire write cycle to avoid data bus contention on common
I/O lines. If OE is left LOW, internal circuitry turns off the output
buffers tHZWE after WE goes LOW.
AutoStore Operation
The CY14V101LA/CY14V101NA stores data to the nvSRAM
using one of the following three storage operations: Hardware
STORE activated by HSB; Software STORE activated by an
address sequence; AutoStore on device power down. The
AutoStore operation is a unique feature of QuantumTrap
technology
and
is
enabled
by
default
on
the
CY14V101LA/CY14V101NA.
During a normal operation, the device draws current from VCC to
charge a capacitor connected to the VCAP pin. This stored
charge is used by the chip to perform a single STORE operation.
If the voltage on the VCC pin drops below VSWITCH the part
automatically disconnects the VCAP pin from VCC. A STORE
operation is initiated with power provided by the VCAP capacitor.
Note If a capacitor is not connected to VCAP pin, AutoStore must
be disabled using the soft sequence specified in Preventing
AutoStore on page 6. If AutoStore is enabled without a capacitor
on VCAP pin, the device attempts an AutoStore operation without
sufficient charge to complete the Store. This corrupts the data
stored in nvSRAM.
Figure 2 shows the proper connection of the storage capacitor
(VCAP) for automatic STORE operation. Refer to DC Electrical
Characteristics on page 8 for the size of VCAP. The voltage on
the VCAP pin is driven to VCC by a regulator on the chip. Place a
pull-up on WE to hold it inactive during power up. This pull-up is
only effective if the WE signal is tristate during power up. Many
MPUs tristate their controls on power-up. This must be verified
when using the pull-up. When the nvSRAM comes out of
power-on-RECALL, the MPU must be active or the WE held
inactive until the MPU comes out of reset.
To reduce unnecessary non-volatile stores, AutoStore and
Hardware STORE operations are ignored unless at least one
write operation has taken place since the most recent STORE or
RECALL cycle. Software initiated STORE cycles are performed
regardless of whether a write operation has taken place. The
HSB signal is monitored by the system to detect if an AutoStore
cycle is in progress.
Figure 2. AutoStore Mode
Hardware STORE Operation
The CY14V101LA/CY14V101NA provides the HSB pin to control
and acknowledge the STORE operations. Use the HSB pin to
request a Hardware STORE cycle. When the HSB pin is driven
LOW, the CY14V101LA/CY14V101NA conditionally initiates a
STORE operation after tDELAY. An actual STORE cycle only
begins if a write to the SRAM has taken place since the last
STORE or RECALL cycle. The HSB pin also acts as an open
drain driver (internal 100 k
 weak pull-up resistor) that is
internally driven LOW to indicate a busy condition when the
STORE (initiated by any means) is in progress.
Note After each Hardware and Software STORE operation HSB
is driven HIGH for a short time (tHHHD) with standard output high
current and then remains HIGH by internal 100 k
 pull-up
resistor.
0.1 uF
VCC
VCAP
WE
VCAP
VSS
VCCQ
VCCQ
VCC
0.1 uF
[+] Feedback


Similar Part No. - CY14V101NA-BA25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14V101PS CYPRESS-CY14V101PS Datasheet
1Mb / 67P
   1-Mbit (128K 횞 8) Quad SPI nvSRAM with Real Time Clock
CY14V101Q3 CYPRESS-CY14V101Q3 Datasheet
1Mb / 24P
   1 Mbit (128 K 횞 8) Serial SPI nvSRAM
CY14V101Q3-SFXI CYPRESS-CY14V101Q3-SFXI Datasheet
1Mb / 24P
   1 Mbit (128 K 횞 8) Serial SPI nvSRAM
CY14V101QS CYPRESS-CY14V101QS Datasheet
1Mb / 55P
   1-Mbit (128K 횞 8) Quad SPI nvSRAM
More results

Similar Description - CY14V101NA-BA25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C101J_1105 CYPRESS-CY14C101J_1105 Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14B101Q1 CYPRESS-CY14B101Q1_11 Datasheet
1Mb / 26P
   1 Mbit (128 K x 8) Serial SPI nvSRAM Infinite read, write, and RECALL cycles
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C512Q CYPRESS-CY14C512Q Datasheet
1Mb / 33P
   512-Kbit (64 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C512J CYPRESS-CY14C512J Datasheet
1Mb / 31P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14C256Q CYPRESS-CY14C256Q Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com