Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14V101LA-BA25XI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY14V101LA-BA25XI
Description  1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14V101LA-BA25XI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY14V101LA-BA25XI Datasheet HTML 4Page - Cypress Semiconductor CY14V101LA-BA25XI Datasheet HTML 5Page - Cypress Semiconductor CY14V101LA-BA25XI Datasheet HTML 6Page - Cypress Semiconductor CY14V101LA-BA25XI Datasheet HTML 7Page - Cypress Semiconductor CY14V101LA-BA25XI Datasheet HTML 8Page - Cypress Semiconductor CY14V101LA-BA25XI Datasheet HTML 9Page - Cypress Semiconductor CY14V101LA-BA25XI Datasheet HTML 10Page - Cypress Semiconductor CY14V101LA-BA25XI Datasheet HTML 11Page - Cypress Semiconductor CY14V101LA-BA25XI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CY14V101LA
CY14V101NA
Document #: 001-53953 Rev. *H
Page 8 of 22
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. These user guidelines are not tested.
Storage temperature ................................–65
C to +150 C
Maximum accumulated storage time:
At 150
C ambient temperature ...................... 1000 h
At 85
C ambient temperature ..................... 20 Years
Ambient temperature
with power applied ...................................–55
C to +150 C
Supply voltage on VCC relative to VSS .......... –0.5 V to 4.1 V
Supply voltage on VCCQ relative to VSS ...... –0.5 V to 2.45 V
Voltage applied to outputs
in High Z State .................................. –0.5 V to VCCQ + 0.5 V
Input voltage ..................................... –0.5 V to VCCQ + 0.5 V
Transient voltage (< 20 ns) on
any pin to ground potential ............... –2.0 V to VCCQ + 2.0 V
Package power dissipation
capability (TA = 25 °C) ..................................................1.0 W
Surface mount Pb soldering
temperature (3 seconds) ..........................................+260
C
DC output current
(1 output at a time, 1s duration) ..................................15 mA
Static discharge voltage
(per MIL-STD-883, Method 3015) ......................... > 2001 V
Latch up current ................................................... > 140 mA
Operating Range
Range
Ambient
Temperature
VCC
VCCQ
Industrial
–40
C to +85 C 3.0 V to 3.6 V 1.65 V to 1.95 V
DC Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
Min
Typ [11]
Max
Unit
VCC
Power supply voltage
3.0
3.3
3.6
V
VCCQ
1.65
1.8
1.95
V
ICC1
Average VCC current
tRC = 25 ns
tRC = 45 ns
Values obtained without output loads
(IOUT = 0 mA)
––
70
mA
––
52
mA
ICCQ1
Average VCCQ current
25
mA
––
15
mA
ICC2
Average VCC current during
STORE
All inputs don’t care, VCC = Max
Average current for duration tSTORE
––
10
mA
ICC3
Average VCC current at
tRC= 200 ns, VCC(Typ), 25 °C
All inputs cycling at CMOS levels.
Values obtained without output loads
(IOUT = 0 mA)
–35
mA
ICCQ3
Average VCCQ current at
tRC= 200 ns, VCCQ(Typ), 25 °C
–5
mA
ICC4
Average VCAP current during
AutoStore cycle
All inputs don’t care. Average current
for duration tSTORE
––
8
mA
ISB
VCC standby current
CE > (VCCQ – 0.2 V).
VIN < 0.2 V or > (VCCQ – 0.2 V).
Standby current level after
non-volatile cycle is complete. Inputs
are static. f = 0 MHz
––
8
mA
IIX[12]
Input leakage current
(except HSB)
VCCQ = Max, VSS < VIN < VCCQ
–1
+1
µA
Input leakage current (for HSB)VCCQ = Max, VSS < VIN < VCCQ
–100
+1
µA
Notes
11. Typical values are at 25 °C, VCC = VCC(Typ) and VCCQ= VCCQ(Typ). Not 100% tested.
12. The HSB pin has IOUT = –4 µA for VOH of 1.07 V when both active HIGH and LOW drivers are disabled. When they are enabled standard VOH and VOL are valid. This
parameter is characterized but not tested.
[+] Feedback


Similar Part No. - CY14V101LA-BA25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14V101PS CYPRESS-CY14V101PS Datasheet
1Mb / 67P
   1-Mbit (128K 횞 8) Quad SPI nvSRAM with Real Time Clock
CY14V101Q3 CYPRESS-CY14V101Q3 Datasheet
1Mb / 24P
   1 Mbit (128 K 횞 8) Serial SPI nvSRAM
CY14V101Q3-SFXI CYPRESS-CY14V101Q3-SFXI Datasheet
1Mb / 24P
   1 Mbit (128 K 횞 8) Serial SPI nvSRAM
CY14V101QS CYPRESS-CY14V101QS Datasheet
1Mb / 55P
   1-Mbit (128K 횞 8) Quad SPI nvSRAM
More results

Similar Description - CY14V101LA-BA25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C101J_1105 CYPRESS-CY14C101J_1105 Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14B101Q1 CYPRESS-CY14B101Q1_11 Datasheet
1Mb / 26P
   1 Mbit (128 K x 8) Serial SPI nvSRAM Infinite read, write, and RECALL cycles
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C512Q CYPRESS-CY14C512Q Datasheet
1Mb / 33P
   512-Kbit (64 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C512J CYPRESS-CY14C512J Datasheet
1Mb / 31P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14C256Q CYPRESS-CY14C256Q Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com