Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104NA-ZSP25XIT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14B104NA-ZSP25XIT
Description  4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104NA-ZSP25XIT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14B104NA-ZSP25XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B104NA-ZSP25XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B104NA-ZSP25XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B104NA-ZSP25XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B104NA-ZSP25XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B104NA-ZSP25XIT Datasheet HTML 11Page - Cypress Semiconductor CY14B104NA-ZSP25XIT Datasheet HTML 12Page - Cypress Semiconductor CY14B104NA-ZSP25XIT Datasheet HTML 13Page - Cypress Semiconductor CY14B104NA-ZSP25XIT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
CY14B104LA, CY14B104NA
Document #: 001-49918 Rev. *I
Page 10 of 25
AC Test Conditions
Input pulse levels ...................................................0 V to 3 V
Input rise and fall times (10%–90%) ........................... < 3 ns
Input and output timing reference levels ...................... 1.5 V
Data Retention and Endurance
Over the Operating Range
Parameter
Description
Min
Unit
DATAR
Data retention
20
Years
NVC
Non-volatile STORE operations
1,000
K
Capacitance
Parameter[18]
Description
Test Conditions
Max
Unit
CIN
Input capacitance (except BHE,
BLE and HSB)
TA = 25 C, f = 1 MHz, VCC = VCC(Typ)
7pF
Input capacitance (for BHE, BLE
and HSB)
8pF
COUT
Output capacitance (except HSB)
7
pF
Output capacitance (for HSB)
8
pF
Thermal Resistance
Parameter[18]
Description
Test Conditions
48-pin FBGA 44-pin TSOP II 54-pin TSOP II Unit
JA
Thermal resistance
(junction to ambient)
Test conditions follow
standard test methods and
procedures for measuring
thermal impedance, in
accordance with
EIA/JESD51.
46.09
43.3
42.03
C/W
JC
Thermal resistance
(junction to case)
7.84
5.56
6.08
C/W
AC Test Loads
Figure 5. AC Test Loads
3.0 V
OUTPUT
5 pF
R1
R2
789
3.0 V
OUTPUT
30 pF
R1
R2
789
for tristate specs
577
577
Note
18. These parameters are guaranteed by design but not tested.
[+] Feedback


Similar Part No. - CY14B104NA-ZSP25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104NA-ZSP25XIT CYPRESS-CY14B104NA-ZSP25XIT Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104NA-ZSP25XIT CYPRESS-CY14B104NA-ZSP25XIT Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104NA-ZSP25XIT CYPRESS-CY14B104NA-ZSP25XIT Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104NA-ZSP25XIT CYPRESS-CY14B104NA-ZSP25XIT Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
More results

Similar Description - CY14B104NA-ZSP25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14V104LA CYPRESS-CY14V104LA Datasheet
910Kb / 22P
   4-Mbit (512 K x 8 / 256 K x 16) nvSRAM 25 ns and 45 ns access times
CY14B104K_1106 CYPRESS-CY14B104K_1106 Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
STK12C68 CYPRESS-STK12C68_11 Datasheet
1Mb / 24P
   64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
CY14B104NA-ZS25XI CYPRESS-CY14B104NA-ZS25XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY7C197BN CYPRESS-CY7C197BN_11 Datasheet
482Kb / 13P
   256-Kb (256 K x 1) Static RAM Fast access time: 15 ns
CY14B108K CYPRESS-CY14B108K_11 Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108K_1106 CYPRESS-CY14B108K_1106 Datasheet
1Mb / 33P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com