Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B256Q1A-SXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14B256Q1A-SXI
Description  256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256Q1A-SXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14B256Q1A-SXI Datasheet HTML 6Page - Cypress Semiconductor CY14B256Q1A-SXI Datasheet HTML 7Page - Cypress Semiconductor CY14B256Q1A-SXI Datasheet HTML 8Page - Cypress Semiconductor CY14B256Q1A-SXI Datasheet HTML 9Page - Cypress Semiconductor CY14B256Q1A-SXI Datasheet HTML 10Page - Cypress Semiconductor CY14B256Q1A-SXI Datasheet HTML 11Page - Cypress Semiconductor CY14B256Q1A-SXI Datasheet HTML 12Page - Cypress Semiconductor CY14B256Q1A-SXI Datasheet HTML 13Page - Cypress Semiconductor CY14B256Q1A-SXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
CY14C256Q
CY14B256Q
CY14E256Q
Document #: 001-65282 Rev. *B
Page 10 of 33
Status Register
The Status Register bits are listed in Table 3. The Status Register
consists of a Ready bit (RDY) and data protection bits BP1, BP0,
WEN, and WPEN. The RDY bit can be polled to check the Ready
or Busy status while a nvSRAM STORE or Software RECALL
cycle is in progress. The Status Register can be modified by
WRSR instruction and read by RDSR or FAST_RDSR
instruction. However, only the WPEN, BP1, and BP0 bits of the
Status Register can be modified by using the WRSR instruction.
The WRSR instruction has no effect on WEN and RDY bits. The
default value shipped from the factory for WEN, BP0, BP1, bits
4 -5, SNL and WPEN is ‘0’.
SNL (bit 6) of the Status Register is used to lock the serial
number written using the WRSN instruction. The serial number
can be written using the WRSN instruction multiple times while
this bit is still '0'. When set to '1', this bit prevents any modification
to the serial number. This bit is factory programmed to '0' and can
only be written to once. After this bit is set to '1', it can never be
cleared to '0'.
Read Status Register (RDSR) Instruction
The Read Status Register instruction provides access to the
Status Register at SPI frequency up to 40 MHz. This instruction
is used to probe the Write Enable status of the device or the
Ready status of the device. RDY bit is set by the device to 1
whenever a STORE or Software RECALL cycle is in progress.
The block protection and WPEN bits indicate the extent of
protection employed.
This instruction is issued after the falling edge of CS using the
opcode for RDSR.
Fast Read Status Register (FAST_RDSR) Instruction
The FAST_RDSR instruction allows you to read the Status
Register at a SPI frequency above 40 MHz and up to 104 MHz
(max).This instruction is used to probe the Write Enable status
of the device or the Ready status of the device. RDY bit is set by
the device to 1 whenever a STORE or Software RECALL cycle
is in progress. The block protection and WPEN bits indicate the
extent of protection employed.
This instruction is issued after the falling edge of CS using the
opcode for RDSR followed by a dummy byte.
Write Status Register (WRSR) Instruction
The WRSR instruction enables the user to write to the Status
Register. However, this instruction cannot be used to modify bit
0 (RDY), bit 1 (WEN) and bits 4-5. The BP0 and BP1 bits can be
used to select one of four levels of block protection. Further,
WPEN bit must be set to ‘1’ to enable the use of Write Protect
(WP) pin.
WRSR instruction is a write instruction and needs writes to be
enabled (WEN bit set to ‘1’) using the WREN instruction before
it is issued. The instruction is issued after the falling edge of CS
using the opcode for WRSR followed by eight bits of data to be
stored in the Status Register. WRSR instruction can be used to
modify only bits 2, 3, 6 and 7 of the Status Register.
Note In CY14X256Q, the values written to Status Register are
saved to nonvolatile memory only after a STORE operation. If
AutoStore is disabled (or while using CY14X256Q1A), any
modifications to the Status Register must be secured by
performing a Software STORE operation.
Note CY14X256Q2A does not have WP pin. Any modification to
bit 7 of the Status Register has no effect on the functionality of
CY14X256Q2A.
Table 3. Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WPEN (0)
SNL (0)
X (0)
X (0)
BP1 (0)
BP0 (0)
WEN (0)
RDY
Table 4. Status Register Bit Definition
Bit
Definition
Description
Bit 0 (RDY)
Ready
Read only bit indicates the ready status of device to perform a memory access. This bit is
set to ‘1’ by the device while a STORE or Software RECALL cycle is in progress.
Bit 1 (WEN)
Write Enable
WEN indicates if the device is write enabled. This bit defaults to ‘0’ (disabled) on power-up.
WEN = '1' --> Write enabled
WEN = '0' --> Write disabled
Bit 2 (BP0)
Block Protect bit ‘0’
Used for block protection. For details see Table 5 on page 12.
Bit 3 (BP1)
Block Protect bit ‘1’
Used for block protection. For details see Table 5 on page 12.
Bit 4-5
Don’t care
These bits are non-writable and always return ‘0’ upon read.
Bit 6 (SNL)
Serial Number Lock
Set to '1' for locking serial number
Bit 7 (WPEN)
Write Protect Enable bit Used for enabling the function of Write Protect Pin (WP). For details see Table 6 on page 12.


Similar Part No. - CY14B256Q1A-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256Q1A-SXI CYPRESS-CY14B256Q1A-SXI Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
CY14B256Q1A-SXIT CYPRESS-CY14B256Q1A-SXIT Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
More results

Similar Description - CY14B256Q1A-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C512Q CYPRESS-CY14C512Q Datasheet
1Mb / 33P
   512-Kbit (64 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14C512J CYPRESS-CY14C512J Datasheet
1Mb / 31P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14B101Q1 CYPRESS-CY14B101Q1_11 Datasheet
1Mb / 26P
   1 Mbit (128 K x 8) Serial SPI nvSRAM Infinite read, write, and RECALL cycles
STK15C88 CYPRESS-STK15C88_11 Datasheet
832Kb / 17P
   256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CY14C101J_1105 CYPRESS-CY14C101J_1105 Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14V101LA CYPRESS-CY14V101LA Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com