Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B256Q1A-SXIT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY14B256Q1A-SXIT
Description  256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256Q1A-SXIT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY14B256Q1A-SXIT Datasheet HTML 1Page - Cypress Semiconductor CY14B256Q1A-SXIT Datasheet HTML 2Page - Cypress Semiconductor CY14B256Q1A-SXIT Datasheet HTML 3Page - Cypress Semiconductor CY14B256Q1A-SXIT Datasheet HTML 4Page - Cypress Semiconductor CY14B256Q1A-SXIT Datasheet HTML 5Page - Cypress Semiconductor CY14B256Q1A-SXIT Datasheet HTML 6Page - Cypress Semiconductor CY14B256Q1A-SXIT Datasheet HTML 7Page - Cypress Semiconductor CY14B256Q1A-SXIT Datasheet HTML 8Page - Cypress Semiconductor CY14B256Q1A-SXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
CY14C256Q
CY14B256Q
CY14E256Q
Document #: 001-65282 Rev. *B
Page 4 of 33
Device Operation
CY14X256Q is a 256-Kbit serial (SPI) nvSRAM memory with a
nonvolatile element in each memory cell. All the reads and writes
to nvSRAM happen to the SRAM, which gives nvSRAM the
unique capability to handle infinite writes to the memory. The
data in SRAM is secured by a STORE sequence which transfers
the data in parallel to the nonvolatile QuantumTrap cells. A small
capacitor (VCAP) is used to AutoStore the SRAM data in
nonvolatile cells when power goes down providing power-down
data security. The QuantumTrap nonvolatile elements built in the
reliable SONOS technology make nvSRAM the ideal choice for
secure data storage.
The 256-Kbit memory array is organized as 32 K words × 8 bits.
The memory can be accessed through a standard SPI interface
that enables very high clock speeds up to 40 MHz with zero cycle
delay read and write cycles. This nvSRAM chip also supports
104 MHz SPI access speed with a special instruction for read
operation. This device supports SPI modes 0 and 3 (CPOL,
CPHA = 0, 0 and 1, 1) and operates as SPI slave. The device is
enabled using the Chip Select (CS) pin and accessed through
Serial Input (SI), Serial Output (SO), and Serial Clock (SCK)
pins.
This device provides the feature for hardware and software write
protection through the WP pin and WRDI instruction respectively
along with mechanisms for block write protection (1/4, 1/2, or full
array) using BP0 and BP1 pins in the Status Register. Further,
the HOLD pin is used to suspend any serial communication
without resetting the serial sequence.
CY14X256Q uses the standard SPI opcodes for memory
access. In addition to the general SPI instructions for read and
write, it provides four special instructions that allow access to
four nvSRAM specific functions: STORE, RECALL, AutoStore
Disable (ASDISB), and AutoStore Enable (ASENB).
The major benefit of nvSRAM over serial EEPROMs is that all
reads and writes to nvSRAM are performed at the speed of SPI
bus with zero cycle delay. Therefore, no wait time is required
after any of the memory accesses. The STORE and RECALL
operations need finite time to complete and all memory accesses
are inhibited during this time. While a STORE or RECALL
operation is in progress, the busy status of the device is indicated
by the Hardware STORE Busy (HSB) pin and also reflected on
the RDY bit of the Status Register.
The device is available in three different pin configurations that
enable you to choose a part which fits in best in their application.
The feature summary is given in Table 1.
SRAM Write
All writes to nvSRAM are carried out on the SRAM and do not
use up any endurance cycles of the nonvolatile memory. This
allows you to perform infinite write operations. A write cycle is
performed
through
the
WRITE
instruction.
The
WRITE
instruction is issued through the SI pin of the nvSRAM and
consists of the WRITE opcode, two bytes of address, and one
byte of data. Write to nvSRAM is done at SPI bus speed with zero
cycle delay.
The device allows burst mode writes to be performed through
SPI. This enables write operations on consecutive addresses
without issuing a new WRITE instruction. When the last address
in memory is reached in burst mode, the address rolls over to
0x0000 and the device continues to write.
The SPI write cycle sequence is defined explicitly in the Memory
Access section of SPI Protocol Description.
SRAM Read
A read cycle is performed at the SPI bus speed. The data is read
out with zero cycle delay after the READ instruction is executed.
READ instruction can be used upto 40 MHz clock speed. The
READ instruction is issued through the SI pin of the nvSRAM and
consists of the READ opcode and two bytes of address. The data
is read out on the SO pin.
A speed higher than 40 MHz (up to 104 MHz) requires
FAST_READ instruction. The FAST_READ instruction is issued
through the SI pin of the nvSRAM and consists of the
FAST_READ opcode, two bytes of address, and one dummy
byte. The data is read out on the SO pin.
This device allows burst mode reads to be performed through
SPI. This enables reads on consecutive addresses without
issuing a new READ instruction. When the last address in
memory is reached in burst mode read, the address rolls over to
0x0000 and the device continues to read.
The SPI read cycle sequence is defined explicitly in the Memory
Access section of SPI Protocol Description.
STORE Operation
STORE operation transfers the data from the SRAM to the
nonvolatile QuantumTrap cells. The device STOREs data to the
nonvolatile cells using one of the three STORE operations:
AutoStore, activated on device power-down; Software STORE,
activated by a STORE instruction; and Hardware STORE,
activated by the HSB. During the STORE cycle, an erase of the
previous nonvolatile data is first performed, followed by a
program of the nonvolatile elements. After a STORE cycle is
initiated, read/write to CY14X256Q is inhibited until the cycle is
completed.
The HSB signal or the RDY bit in the Status Register can be
monitored by the system to detect if a STORE or Software
RECALL cycle is in progress. The busy status of nvSRAM is
indicated by HSB being pulled LOW or RDY bit being set to ‘1’.
To avoid unnecessary nonvolatile STOREs, AutoStore and
Hardware STORE operations are ignored unless at least one
write operation has taken place since the most recent STORE or
RECALL cycle. However, software initiated STORE cycles are
performed regardless of whether a write operation has taken
place.
Table 1. Feature Summary
Feature
CY14X256Q1A CY14X256Q2A CY14X256Q3A
WP
Yes
No
Yes
VCAP
No
Yes
Yes
HSB
No
No
Yes
AutoStore
No
Yes
Yes
Power-Up
RECALL
Yes
Yes
Yes
Hardware
STORE
No
No
Yes
Software
STORE
Yes
Yes
Yes


Similar Part No. - CY14B256Q1A-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256Q1A-SXIT CYPRESS-CY14B256Q1A-SXIT Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
More results

Similar Description - CY14B256Q1A-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C512Q CYPRESS-CY14C512Q Datasheet
1Mb / 33P
   512-Kbit (64 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14C512J CYPRESS-CY14C512J Datasheet
1Mb / 31P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14B101Q1 CYPRESS-CY14B101Q1_11 Datasheet
1Mb / 26P
   1 Mbit (128 K x 8) Serial SPI nvSRAM Infinite read, write, and RECALL cycles
STK15C88 CYPRESS-STK15C88_11 Datasheet
832Kb / 17P
   256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CY14C101J_1105 CYPRESS-CY14C101J_1105 Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14V101LA CYPRESS-CY14V101LA Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com