Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B108N-ZSP25XI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14B108N-ZSP25XI
Description  8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B108N-ZSP25XI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14B108N-ZSP25XI Datasheet HTML 5Page - Cypress Semiconductor CY14B108N-ZSP25XI Datasheet HTML 6Page - Cypress Semiconductor CY14B108N-ZSP25XI Datasheet HTML 7Page - Cypress Semiconductor CY14B108N-ZSP25XI Datasheet HTML 8Page - Cypress Semiconductor CY14B108N-ZSP25XI Datasheet HTML 9Page - Cypress Semiconductor CY14B108N-ZSP25XI Datasheet HTML 10Page - Cypress Semiconductor CY14B108N-ZSP25XI Datasheet HTML 11Page - Cypress Semiconductor CY14B108N-ZSP25XI Datasheet HTML 12Page - Cypress Semiconductor CY14B108N-ZSP25XI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
CY14B108L
CY14B108N
Document #: 001-45523 Rev. *J
Page 9 of 25
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage temperature ................................ –65
C to +150 C
Maximum accumulated storage time
At 150
C ambient temperature ...................... 1000 h
At 85
C ambient temperature ..................... 20 Years
Ambient temperature with
power applied .......................................... –55
C to +150 C
Supply voltage on VCC relative to VSS ...........–0.5 V to 4.1 V
Voltage applied to outputs
in High Z state .................................... –0.5 V to VCC + 0.5 V
Input voltage ........................................–0.5 V to Vcc + 0.5 V
Transient voltage (< 20 ns) on
any pin to ground potential ................. –2.0 V to VCC + 2.0 V
Package power dissipation
capability (TA = 25 °C) ................................................. 1.0 W
Surface mount Pb soldering
temperature (3 Seconds) ......................................... +260
C
DC output current (1 output at a time, 1s duration) .... 15 mA
Static discharge voltage
(per MIL-STD-883, Method 3015) .......................... > 2001 V
Latch up current .................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Industrial
–40
C to +85 C
2.7 V to 3.6 V
DC Electrical Characteristics
Over the Operating Range (VCC = 2.7 V to 3.6 V)
Parameter
Description
Test Conditions
Min
Typ [8]
Max
Unit
VCC
Power supply
2.7
3.0
3.6
V
ICC1
Average VCC current
tRC = 20 ns
tRC = 25 ns
tRC = 45 ns
Values obtained without output loads
(IOUT = 0 mA)
––
75
75
57
mA
mA
mA
ICC2
Average VCC current during
STORE
All inputs don’t care, VCC = Max
Average current for duration tSTORE
––
20
mA
ICC3
Average VCC current at
tRC= 200 ns, VCC(Typ), 25 °C
All inputs cycling at CMOS levels.
Values obtained without output loads
(IOUT = 0 mA).
–40–
mA
ICC4
Average VCAP current during
AutoStore cycle
All inputs don’t care. Average current
for duration tSTORE
––
10
mA
ISB
VCC standby current
CE > (VCC – 0.2 V).
VIN < 0.2 V or > (VCC – 0.2 V).
Standby current level after
nonvolatile cycle is complete.
Inputs are static. f = 0 MHz.
––
10
mA
IIX[9]
Input leakage current (except
HSB)
VCC = Max, VSS < VIN < VCC
–2
+2
A
Input leakage current (for HSB)VCC = Max, VSS < VIN < VCC
–200
+2
A
IOZ
Off-state output leakage current VCC = Max, VSS < VOUT < VCC,
CE or OE > VIH or
BHE/BLE > VIH or WE < VIL
–2
+2
A
VIH
Input HIGH voltage
2.0
VCC + 0.5
V
VIL
Input LOW voltage
Vss – 0.5
0.8
V
VOH
Output HIGH voltage
IOUT = –2 mA
2.4
V
VOL
Output LOW voltage
IOUT = 4 mA
0.4
V
VCAP[10]
Storage capacitor
Between VCAP pin and VSS, 5 V rated
122
150
360
F
Notes
8. Typical values are at 25 °C, VCC = VCC(Typ). Not 100% tested.
9. The HSB pin has IOUT = –2 µA for VOH of 2.4 V when both active HIGH and LOW drivers are disabled. When they are enabled standard VOH and VOL are valid. This
parameter is characterized but not tested.
10. Min VCAP value guarantees that there is a sufficient charge available to complete a successful AutoStore operation. Max VCAP value guarantees that the capacitor
on VCAP is charged to a minimum voltage during a Power-Up RECALL cycle so that an immediate power-down cycle can complete a successful AutoStore. Therefore
it is always recommended to use a capacitor within the specified min and max limits. Refer application note AN43593 for more details on VCAP options.
[+] Feedback


Similar Part No. - CY14B108N-ZSP25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108N-ZSP25XI CYPRESS-CY14B108N-ZSP25XI Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14B108N-ZSP25XI CYPRESS-CY14B108N-ZSP25XI Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B108N-ZSP25XIT CYPRESS-CY14B108N-ZSP25XIT Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14B108N-ZSP25XIT CYPRESS-CY14B108N-ZSP25XIT Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
More results

Similar Description - CY14B108N-ZSP25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14V101LA CYPRESS-CY14V101LA Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14C512Q CYPRESS-CY14C512Q Datasheet
1Mb / 33P
   512-Kbit (64 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C101J_1105 CYPRESS-CY14C101J_1105 Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14B101Q1 CYPRESS-CY14B101Q1_11 Datasheet
1Mb / 26P
   1 Mbit (128 K x 8) Serial SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C512J CYPRESS-CY14C512J Datasheet
1Mb / 31P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C256Q CYPRESS-CY14C256Q Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14B108K CYPRESS-CY14B108K_11 Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108K_1106 CYPRESS-CY14B108K_1106 Datasheet
1Mb / 33P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com