Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B256I-SFXIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14B256I-SFXIT
Description  256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock Full-featured RTC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256I-SFXIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14B256I-SFXIT Datasheet HTML 5Page - Cypress Semiconductor CY14B256I-SFXIT Datasheet HTML 6Page - Cypress Semiconductor CY14B256I-SFXIT Datasheet HTML 7Page - Cypress Semiconductor CY14B256I-SFXIT Datasheet HTML 8Page - Cypress Semiconductor CY14B256I-SFXIT Datasheet HTML 9Page - Cypress Semiconductor CY14B256I-SFXIT Datasheet HTML 10Page - Cypress Semiconductor CY14B256I-SFXIT Datasheet HTML 11Page - Cypress Semiconductor CY14B256I-SFXIT Datasheet HTML 12Page - Cypress Semiconductor CY14B256I-SFXIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
CY14C256I
CY14B256I, CY14E256I
Document #: 001-65230 Rev. *B
Page 9 of 41
SLEEP: SLEEP instruction puts the nvSRAM in a sleep mode.
When the SLEEP instruction is registered, the nvSRAM
performs a STORE operation to secure the data to nonvolatile
memory and then enters into sleep mode. Whenever nvSRAM
enters into sleep mode, it initiates non volatile STORE cycle
which results in losing an endurance cycle per sleep command
execution. A STORE cycle starts only if a write to the SRAM
has been performed since the last STORE or RECALL cycle.
The nvSRAM enters into sleep mode in this manner:
1. The master sends a START command.
2. The master sends Control Registers Slave device ID with I2C
write bit set (R/W = ’0’).
3. The slave (nvSRAM) sends an ACK back to the master.
4. The master sends Command Register address (0xAA).
5. The slave (nvSRAM) sends an ACK back to the master.
6. The master sends Command Register byte for entering into
sleep mode.
7. The slave (nvSRAM) sends an ACK back to the master.
8. The master generates a STOP condition.
Once in sleep mode, the device starts consuming IZZ current
tSLEEP time after SLEEP instruction is registered. The device is
not accessible for normal operations until it is out of sleep mode.
The nvSRAM wakes up after tWAKE duration after the device
slave address is transmitted by the master.
Transmitting any of the three slave addresses wakes the
nvSRAM from sleep mode. The nvSRAM device is not
accessible during tSLEEP and tWAKE interval and any attempt to
access the nvSRAM device by the master is ignored and
nvSRAM sends NACK to the master. An alternate method of
determining when the device is ready is for the master to send
read or write commands and look for an ACK.
Write Protection (WP)
The Write Protect (WP) pin is an active HIGH pin and protects
the entire memory and all registers from write operations. To
inhibit all the write operations, this pin must be held HIGH. When
this pin is HIGH, all memory and register writes are prohibited
and the address counter is not incremented. This pin is internally
pulled LOW and, therefore, can be left open if not used.
AutoStore Operation
The AutoStore operation is a unique feature of nvSRAM that
automatically stores the SRAM data to QuantumTrap cells
during power-down. This STORE makes use of an external
capacitor (VCAP) and enables the device to safely STORE the
data in the nonvolatile memory when power goes down.
During normal operation, the device draws current from VCC to
charge the capacitor connected to the VCAP pin. When the
voltage on the VCC pin drops below VSWITCH during power-down,
the device inhibits all memory accesses to nvSRAM and
automatically performs a conditional STORE operation using the
charge from the VCAP capacitor. The AutoStore operation is not
initiated if no write cycle has been performed since the last
STORE or RECALL.
Note If a capacitor is not connected to VCAP pin, AutoStore must
be disabled by issuing the AutoStore Disable instruction
specified in Command Register on page 8. If AutoStore is
enabled without a capacitor on VCAP pin, the device attempts an
AutoStore operation without sufficient charge to complete the
Store. This will corrupt the data stored in nvSRAM as well as the
serial number and it will unlock the SNL bit.
Figure 10 shows the proper connection of the storage capacitor
(VCAP) for AutoStore operation. See the DC Electrical
Characteristics on page 30 for the size of the VCAP.
Figure 10. AutoStore Mode
Hardware STORE and HSB pin Operation
The HSB pin in CY14X256I is used to control and acknowledge
STORE operations. If no STORE or RECALL is in progress, this
pin can be used to request a Hardware STORE cycle. When the
HSB pin is driven LOW, the device conditionally initiates a
STORE operation after tDELAY duration. An actual STORE cycle
starts only if a write to the SRAM has been performed since the
last STORE or RECALL cycle. Reads and Writes to the memory
are inhibited for tSTORE duration or as long as HSB pin is LOW.
The HSB pin also acts as an open drain driver (internal 100 k
weak pull-up resistor) that is internally driven LOW to indicate a
busy condition when the STORE (initiated by any means) is in
progress.
Note After each Hardware and Software STORE operation HSB
is driven HIGH for a short time (tHHHD) with standard output high
current and then remains HIGH by internal 100 k
 pull-up
resistor.
Note For successful last data byte STORE, a hardware STORE
should be initiated at least one clock cycle after the last data bit
D0 is received.
Upon completion of the STORE operation, the nvSRAM memory
access is inhibited for tLZHSB time after HSB pin returns HIGH.
Leave the HSB pin unconnected if not used.
Hardware RECALL (Power Up)
During power-up, when VCC crosses VSWITCH, an automatic
RECALL sequence is initiated that transfers the content of
nonvolatile memory to the SRAM. The data may have been
previously stored on the nonvolatile memory through a STORE
sequence.
0.1 uF
VCC
VCAP
VCAP
VSS
VCC
[+] Feedback


Similar Part No. - CY14B256I-SFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256I-SFXIT CYPRESS-CY14B256I-SFXIT Datasheet
2Mb / 40P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B256I-SFXIT CYPRESS-CY14B256I-SFXIT Datasheet
2Mb / 41P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14B256I-SFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C256I CYPRESS-CY14C256I_13 Datasheet
2Mb / 41P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C256I CYPRESS-CY14C256I_12 Datasheet
2Mb / 40P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B256P CYPRESS-CY14B256P_13 Datasheet
2Mb / 37P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B256P_1106 CYPRESS-CY14B256P_1106 Datasheet
1Mb / 36P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C512PA CYPRESS-CY14C512PA Datasheet
1Mb / 43P
   512-Kbit (64 K x 8) SPI nvSRAM with Real Time Clock Full-featured RTC
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
CY14B256P CYPRESS-CY14B256P Datasheet
2Mb / 36P
   256-Kbit (32 K 횞 8) Serial (SPI) with nvSRAM Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_12 Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com