Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104K-ZS45XI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B104K-ZS45XI
Description  4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104K-ZS45XI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B104K-ZS45XI Datasheet HTML 1Page - Cypress Semiconductor CY14B104K-ZS45XI Datasheet HTML 2Page - Cypress Semiconductor CY14B104K-ZS45XI Datasheet HTML 3Page - Cypress Semiconductor CY14B104K-ZS45XI Datasheet HTML 4Page - Cypress Semiconductor CY14B104K-ZS45XI Datasheet HTML 5Page - Cypress Semiconductor CY14B104K-ZS45XI Datasheet HTML 6Page - Cypress Semiconductor CY14B104K-ZS45XI Datasheet HTML 7Page - Cypress Semiconductor CY14B104K-ZS45XI Datasheet HTML 8Page - Cypress Semiconductor CY14B104K-ZS45XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
CY14B104K, CY14B104M
4-Mbit (512 K × 8/256 K × 16) nvSRAM
with Real Time Clock
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-07103 Rev. *U
Revised July 12, 2011
4-Mbit (512 K × 8/256 K × 16) nvSRAM with Real Time Clock
Features
25 ns and 45 ns access times
Internally organized as 512 K × 8 (CY14B104K) or 256 K × 16
(CY14B104M)
Hands off automatic STORE on power-down with only a small
capacitor
STORE to QuantumTrap non-volatile elements is initiated by
software, device pin, or AutoStore on power-down
RECALL to SRAM is initiated by software or power-up
High reliability
Infinite read, write, and RECALL cycles
1 million STORE cycles to QuantumTrap
20 year data retention
Single 3 V +20%, –10% operation
Data integrity of Cypress nvSRAM combined with full-featured
real time clock (RTC)
Watchdog timer
Clock alarm with programmable interrupts
Capacitor or battery backup for RTC
Industrial temperature
44-pin and 54-pin thin small outline package (TSOP) Type II
Pb-free and restriction of hazardous substances (RoHS)
compliant
Functional Description
The Cypress CY14B104K and CY14B104M combines a 4-Mbit
non-volatile static RAM (nvSRAM) with a full-featured RTC in a
monolithic integrated circuit. The embedded non-volatile
elements incorporate QuantumTrap technology producing the
world’s most reliable non-volatile memory. The SRAM is read
and written infinite number of times, while independent
non-volatile data resides in the non-volatile elements.
The RTC function provides an accurate clock with leap year
tracking and a programmable, high accuracy oscillator. The
alarm function is programmable for periodic minutes, hours,
days, or months alarms. There is also a programmable watchdog
timer for process control.
STATIC RAM
ARRAY
2048 X 2048
R
O
W
D
E
C
O
D
E
R
COLUMN I/O
COLUMN DEC
I
N
P
U
T
B
U
F
F
E
R
S
POWER
CONTROL
STORE/RECALL
CONTROL
Quatrum
Trap
2048 X 2048
STORE
RECALL
V
CC
V
CA
P
HSB
A
9 A10 A11 A12 A13 A14 A15 A16
SOFTWARE
DETECT
A
14 - A2
OE
CE
WE
BHE
BLE
A
0
A
1
A
2
A
3
A
4
A
5
A
6
A
7
A
8
A
17
A
18
DQ
0
DQ
1
DQ
2
DQ
3
DQ
4
DQ
5
DQ
6
DQ
7
DQ
8
DQ
9
DQ
10
DQ
11
DQ
12
DQ
13
DQ
14
DQ
15
RTC
MUX
A
18- A0
X
out
X
in
INT
V
RTCbat
V
RTCcap
Logic Block Diagram [1, 2, 3]
Notes
1. Address A0–A18 for × 8 configuration and Address A0–A17 for × 16 configuration.
2. Data DQ0–DQ7 for × 8 configuration and Data DQ0–DQ15 for × 16 configuration.
3. BHE and BLE are applicable for × 16 configuration only.
[+] Feedback


Similar Part No. - CY14B104K-ZS45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104K-ZS45XI CYPRESS-CY14B104K-ZS45XI Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104K-ZS45XI CYPRESS-CY14B104K-ZS45XI Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104K-ZS45XI CYPRESS-CY14B104K-ZS45XI Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104K-ZS45XIT CYPRESS-CY14B104K-ZS45XIT Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104K-ZS45XIT CYPRESS-CY14B104K-ZS45XIT Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B104K-ZS45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14V104LA CYPRESS-CY14V104LA Datasheet
910Kb / 22P
   4-Mbit (512 K x 8 / 256 K x 16) nvSRAM 25 ns and 45 ns access times
CY14B104LA_1106 CYPRESS-CY14B104LA_1106 Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B108K CYPRESS-CY14B108K_11 Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108K_1106 CYPRESS-CY14B108K_1106 Datasheet
1Mb / 33P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B104NA-ZS25XI CYPRESS-CY14B104NA-ZS25XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
CY14B104K CYPRESS-CY14B104K_12 Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
STK12C68 CYPRESS-STK12C68_11 Datasheet
1Mb / 24P
   64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
CY14B108K CYPRESS-CY14B108K_12 Datasheet
1Mb / 34P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM with Real Time Clock
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com