Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C21X45 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C21X45
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21X45 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C21X45 Datasheet HTML 1Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 2Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 3Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 4Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 5Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 6Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 7Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 8Page - Cypress Semiconductor CY8C21X45 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
CY8C21634, CY8C21534, CY8C21434
CY8C21334, CY8C21234
PSoC® Programmable System-on-Chip™
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-12025 Rev. *V
Revised October 21, 2010
PSoC® Programmable System-on-Chip™
Features
Powerful Harvard-architecture processor
M8C processor speeds up to 24 MHz
Low power at high speed
Operating voltage: 2.4 V to 5.25 V
Operating voltages down to 1.0 V using on-chip switch mode
pump (SMP)
Industrial temperature range: –40 °C to +85 °C
Advanced peripherals (PSoC® blocks)
Four analog Type E PSoC blocks provide:
• Two comparators with digital-to-analog converter (DAC)
references
• Single or dual 10-bit 28 channel analog-to-digital
converters (ADC)
Four digital PSoC blocks provide:
• 8- to 32-bit timers, counters, and pulse width modulators
(PWMs)
• Cyclical redundancy check (CRC) and pseudo random
sequence (PRS) modules
• Full-duplex universal asynchronous receiver transmitter
(UART), serial peripheral interface (SPI) master or slave
• Connectable to all general purpose I/O (GPIO) pins
Complex peripherals by combining blocks
Flexible on-chip memory
8 KB flash program storage 50,000 erase/write cycles
512 bytes static random access memory (SRAM) data
storage
In-system serial programming (ISSP)
Partial flash updates
Flexible protection modes
EEPROM emulation in flash
Complete development tools
Free development software
(PSoC Designer™)
Full-featured, in-circuit emulator (ICE) and programmer
Full-speed emulation
Complex breakpoint structure
128-KB trace memory
Precision, programmable clocking
Internal ±2.5% 24- / 48-MHz main oscillator
Internal oscillator for watchdog and sleep
Programmable pin configurations
25-mA sink, 10-mA source on all GPIOs
Pull-up, pull-down, high Z, strong, or open-drain drive modes
on all GPIOs
Up to eight analog inputs on GPIOs
Configurable interrupt on all GPIOs
Versatile analog mux
Common internal analog bus
Simultaneous connection of I/O combinations
Capacitive sensing application capability
Additional system resources
I2C master, slave, and multi-master to 400 kHz
Watchdog and sleep timers
User-configurable low-voltage detection (LVD)
Integrated supervisory circuit
On-chip precision voltage reference
Logic Block Diagram
[+] Feedback


Similar Part No. - CY8C21X45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21X45 CYPRESS-CY8C21X45 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21X45 CYPRESS-CY8C21X45 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21X45 CYPRESS-CY8C21X45 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21X45 CYPRESS-CY8C21X45 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C21X45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21345_1105 CYPRESS-CY8C21345_1105 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634B CYPRESS-CY8C21634B Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com