Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C29466-24SXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C29466-24SXI
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C29466-24SXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C29466-24SXI Datasheet HTML 1Page - Cypress Semiconductor CY8C29466-24SXI Datasheet HTML 2Page - Cypress Semiconductor CY8C29466-24SXI Datasheet HTML 3Page - Cypress Semiconductor CY8C29466-24SXI Datasheet HTML 4Page - Cypress Semiconductor CY8C29466-24SXI Datasheet HTML 5Page - Cypress Semiconductor CY8C29466-24SXI Datasheet HTML 6Page - Cypress Semiconductor CY8C29466-24SXI Datasheet HTML 7Page - Cypress Semiconductor CY8C29466-24SXI Datasheet HTML 8Page - Cypress Semiconductor CY8C29466-24SXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
CY8C29466, CY8C29566
CY8C29666, CY8C29866
Document Number: 38-12013 Rev. *S
Page 3 of 61
PSoC Functional Overview
The PSoC family consists of many Programmable
System-on-Chip controller devices. These devices are designed
to replace multiple traditional microcontroller unit (MCU)-based
system components with one, low-cost single-chip program-
mable device. PSoC devices include configurable blocks of
analog and digital logic, as well as programmable interconnects.
This architecture allows you to create customized peripheral
configurations that match the requirements of each individual
application. Additionally, a fast central processing unit (CPU),
flash program memory, SRAM data memory, and configurable
I/O are included in a range of convenient pinouts and packages.
The PSoC architecture, as illustrated in the Logic Block Diagram
on page 1, consists of four main areas: PSoC core, digital
system, analog system, and system resources. Configurable
global busing allows all of the device resources to be combined
into a complete custom system. The PSoC CY8C29x66 family
can have up to five I/O ports that connect to the global digital and
analog interconnects, providing access to 8 digital blocks and
12 analog blocks.
PSoC Core
The PSoC core is a powerful engine that supports a rich feature
set. The core includes a CPU, memory, clocks, and configurable
GPIOs.
The M8C CPU core is a powerful processor with speeds up to
24 MHz, providing a 4 million instructions per second (MIPS)
8-bit Harvard-architecture microprocessor. The CPU uses an
interrupt controller with 17 vectors, to simplify programming of
real-time embedded events. Program execution is timed and
protected using the included sleep and watchdog timers (WDT).
Memory uses 16 KB of flash for program storage, 256 bytes of
SRAM for data storage, and up to 2 KB of EEPROM emulated
using the flash. Program flash uses four protection levels on
blocks of 64 bytes, allowing customized software information
protection (IP).
The PSoC device incorporates flexible internal clock generators,
including a 24 MHz internal main oscillator (IMO) accurate to
2.5% over temperature and voltage. The 24 MHz IMO can also
be doubled to 48 MHz for use by the digital system. A low-power
32 kHz internal low speed oscillator (ILO) is provided for the
sleep timer and WDT. If crystal accuracy is desired, the
32.768 kHz external crystal oscillator (ECO) is available for use
as a real-time clock (RTC) and can optionally generate a
crystal-accurate 24 MHz system clock using a PLL. The clocks,
together with programmable clock dividers (as a system
resource), provide the flexibility to integrate almost any timing
requirement into the PSoC device.
PSoC GPIOs provide connection to the CPU, and digital and
analog resources of the device. Each pin’s drive mode may be
selected from eight options, allowing great flexibility in external
interfacing. Every pin also has the capability to generate a
system interrupt on high level, low level, and change from last
read.
Digital System
The digital system is composed of 16 digital PSoC blocks. Each
block is an 8-bit resource that can be used alone or combined
with other blocks to form 8-, 16-, 24-, and 32-bit peripherals,
which are called user modules.
Figure 1. Digital System Block Diagram
DIGITAL SYSTEM
To System Bus
Digital Clocks
From Core
Digital PSoC Block Array
To Analog
System
8
8
8
8
Row1
DBB10
DBB11
DCB12
DCB13
4
4
Row2
DBB20
DBB21
DCB22
DCB23
4
4
Row0
DBB00
DBB01
DCB02
DCB03
4
4
Row3
DBB30
DBB31
DCB32
DCB33
4
4
GIE[7:0]
GIO[7:0]
GOE[7:0]
GOO[7:0]
Global Digital
Interconnect
Port6
Port7
Port5
Port4
Port3
Port2
Port1
Port0
[+] Feedback


Similar Part No. - CY8C29466-24SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29466-24SXI CYPRESS-CY8C29466-24SXI Datasheet
474Kb / 40P
   Mixed Signal Array
CY8C29466-24SXI CYPRESS-CY8C29466-24SXI Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C29466-24SXI CYPRESS-CY8C29466-24SXI Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C29466-24SXI CYPRESS-CY8C29466-24SXI Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C29466-24SXI CYPRESS-CY8C29466-24SXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C29466-24SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634 CYPRESS-CY8C21634_10 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21345_1105 CYPRESS-CY8C21345_1105 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634B CYPRESS-CY8C21634B Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com