Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C22X45 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C22X45
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C22X45 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C22X45 Datasheet HTML 1Page - Cypress Semiconductor CY8C22X45 Datasheet HTML 2Page - Cypress Semiconductor CY8C22X45 Datasheet HTML 3Page - Cypress Semiconductor CY8C22X45 Datasheet HTML 4Page - Cypress Semiconductor CY8C22X45 Datasheet HTML 5Page - Cypress Semiconductor CY8C22X45 Datasheet HTML 6Page - Cypress Semiconductor CY8C22X45 Datasheet HTML 7Page - Cypress Semiconductor CY8C22X45 Datasheet HTML 8Page - Cypress Semiconductor CY8C22X45 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
CY8C21345
CY8C22345, CY8C22545
Document Number: 001-43084 Rev. *M
Page 3 of 34
PSoC Functional Overview
The PSoC family consists of many On-Chip Controller devices.
These devices are designed to replace multiple traditional
MCU-based system components with one low cost single-chip
programmable device. PSoC devices include configurable
blocks
of
analog
and
digital
logic,
and
programmable
interconnects. This architecture enables the user to create
customized
peripheral
configurations
that
match
the
requirements of each individual application. Additionally, a fast
CPU, Flash program memory, SRAM data memory, and
configurable I/O are included in a range of convenient pinouts
and packages.
The PSoC architecture, shown in Figure 1, consists of four main
areas: PSoC Core, Digital System, Analog System, and System
Resources. Configurable global busing allows the combining of
all the device resources into a complete custom system. The
PSoC family can have up to five I/O ports connecting to the
global digital and analog interconnects, providing access to eight
digital blocks and six analog blocks.
PSoC Core
The PSoC Core is a powerful engine that supports a rich feature
set. The core includes a CPU, memory, clocks, and configurable
GPIO (General Purpose I/O).
The M8C CPU core is a powerful processor with speeds up to
24 MHz, providing a four MIPS 8-bit Harvard architecture micro-
processor. The CPU uses an interrupt controller with 21 vectors,
to simplify the programming of real time embedded events.
Program execution is timed and protected using the included
Sleep and Watch Dog Timers (WDT).
Memory encompasses 16 KB of Flash for program storage, 1K
bytes of SRAM for data storage, and up to 2 KB of EEPROM
emulated using the Flash. Program Flash uses four protection
levels on blocks of 64 bytes, allowing customized software IP
protection.
The PSoC device incorporates flexible internal clock generators,
including a 24 MHz IMO (internal main oscillator). The 24 MHz
IMO can also be doubled to 48 MHz for use by the digital system.
A low power 32 kHz ILO (internal low speed oscillator) is
provided for the Sleep timer and WDT. If crystal accuracy is
required, the ECO (32.768 kHz external crystal oscillator) is
available for use as a Real Time Clock (RTC), and can optionally
generate a crystal-accurate 24 MHz system clock using a PLL.
The clocks, together with programmable clock dividers (as a
System Resource), provide the flexibility to integrate almost any
timing requirement into the PSoC device.
PSoC GPIOs provide connection to the CPU, digital, and analog
resources of the device. Each pin’s drive mode may be selected
from eight options, allowing great flexibility in external
interfacing. Every pin can also generate a system interrupt on
high level, low level, and change from last read.
Digital System
The Digital System is composed of eight digital PSoC blocks.
Each block is an 8-bit resource that may be used alone or
combined with other blocks to form 8, 16, 24, and 32-bit
peripherals, which are called user module references.
Figure 1. Digital System Block Diagram
Digital peripheral configurations are:
PWMs (8 to 32-Bit)
PWMs with Dead band (8 to 32-Bit)
Counters (8 to 32-Bit)
Timers (8 to 32-Bit)
UART 8 Bit with Selectable Parity (Up to Two)
SPI Master and Slave (Up to Two)
Shift Register (1 to 32-Bit)
I2C Slave and Master (One Available as a System Resource)
Cyclical Redundancy Checker/Generator (8 to 32-Bit)
IrDA (Up to Two)
Pseudo Random Sequence Generators (8 to 32-Bit)
The digital blocks may be connected to any GPIO through a
series of global buses that can route any signal to any pin. The
buses also allow for signal multiplexing and performing logic
operations. This configurability frees your designs from the
constraints of a fixed peripheral controller.
Digital blocks are provided in rows of four, where the number of
blocks varies by PSoC device family. This provides a choice of
system resources for your application. Family resources are
shown in Table 1 on page 5.
DIGITAL SYSTEM
To System Bus
Digital Clocks
From Core
Digital PSoC Block Array
To Analog
System
8
8
8
8
Row 0
DBC00
DBC01
DCC02
DCC03
4
4
GIE[7:0]
GIO[7:0]
GOE[7:0]
GOO[7:0]
Global Digital
Interconnect
Port 2
Port 1
Port 0
Port 4
Port 3
DBC00
DBC01
DCC02
DCC03
Row 1
[+] Feedback


Similar Part No. - CY8C22X45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C22X45 CYPRESS-CY8C22X45 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C22X45 CYPRESS-CY8C22X45 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C22X45 CYPRESS-CY8C22X45 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C22X45 CYPRESS-CY8C22X45 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C22X45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634 CYPRESS-CY8C21634_10 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634B CYPRESS-CY8C21634B Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com