Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C29X66 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C29X66
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C29X66 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C29X66 Datasheet HTML 4Page - Cypress Semiconductor CY8C29X66 Datasheet HTML 5Page - Cypress Semiconductor CY8C29X66 Datasheet HTML 6Page - Cypress Semiconductor CY8C29X66 Datasheet HTML 7Page - Cypress Semiconductor CY8C29X66 Datasheet HTML 8Page - Cypress Semiconductor CY8C29X66 Datasheet HTML 9Page - Cypress Semiconductor CY8C29X66 Datasheet HTML 10Page - Cypress Semiconductor CY8C29X66 Datasheet HTML 11Page - Cypress Semiconductor CY8C29X66 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
CY8C21345
CY8C22345, CY8C22545
Document Number: 001-43084 Rev. *M
Page 8 of 34
Pinouts
This PSoC device family is available in a variety of packages that are listed in the following tables. Every port pin (labeled with a “P”)
is capable of Digital I/O. However, Vss, Vdd, and XRES are not capable of Digital I/O.
CY8C22345, CY8C21345 28-Pin SOIC
Table 2. Pin Definitions
Pin No.
Type
Pin Name
Description
Figure 3. Pin Diagram
Digital
Analog
1
I/O
I, MR
P0[7]
Integration Capacitor for MR
2
I/O
I, ML
P0[5]
Integration Capacitor for ML
3
I/O
I, ML
P0[3]
4
I/O
I, ML
P0[1]
5
I/O
I, ML
P2[7]
To Compare Column 0
6
I/O
ML
P2[5]
Optional ADC External Vref
7
I/O
ML
P2[3]
8
I/O
ML
P2[1]
9
Power
Vss
Ground Connection
10
I/O
ML
P1[7]
I2C Serial Clock (SCL)
11
I/O
ML
P1[5]
I2C Serial Data (SDA)
12
I/O
ML
P1[3]
13
I/O
ML
P1[1]
I2C Serial Clock (SCL),
ISSP-SCLK[4]
14
Power
Vss
Ground Connection
15
I/O
MR
P1[0]
I2C Serial Clock (SCL),
ISSP-SDATA[4]
16
I/O
MR
P1[2]
17
I/O
MR
P1[4]
Optional External Clock Input
(EXT-CLK)
18
I/O
MR
P1[6]
19
Input
XRES
Active High Pin Reset with
Internal Pull Down
20
I/O
MR
P2[0]
21
I/O
MR
P2[2]
22
I/O
MR
P2[4]
23
I/O
I, MR
P2[6]
To Compare Column 1
24
I/O
I, MR
P0[0]
25
I/O
I, MR
P0[2]
26
I/O
I, MR
P0[4]
27
I/O
I, MR
P0[6]
28
Power
Vdd
Supply Voltage
LEGEND: A = Analog, I = Input, O = Output, M=Analog Mux input, MR= Analog Mux right input, ML= Analog Mux left input.
AI, MR, P0[7]
AI, ML, P0[5]
AI, ML, P0[3]
AI, ML, P0[1]
AI, ML, P2[7]
ADC_Ext_Vref, ML, P2[5]
ML, P2[3]
ML, P2[1]
Vss
I2C SCL, ML, P1[7]
I2C SDA, ML, P1[5]
ML, P1[3]
I2C SCL, ML, P1[1]
Vss
Vdd
P0[6], MR, AI
P0[4], MR, AI
P0[2], MR, AI
P0[0], MR, AI
P2[6], MR, AI
P2[4], MR
P2[2], MR
P2[0], MR
XRES
P1[6], MR
P1[4], MR, EXTCLK
P1[2], MR
P1[0], MR, I2C SDATA
SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Note
4. ISSP pin which is not Hi-Z at POR.
[+] Feedback


Similar Part No. - CY8C29X66

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29X66 CYPRESS-CY8C29X66 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29X66 CYPRESS-CY8C29X66 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C29X66 CYPRESS-CY8C29X66 Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C29X66 CYPRESS-CY8C29X66 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29x66 CYPRESS-CY8C29x66 Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
More results

Similar Description - CY8C29X66

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634 CYPRESS-CY8C21634_10 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634B CYPRESS-CY8C21634B Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com