Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C28XXX Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C28XXX
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C28XXX Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C28XXX Datasheet HTML 5Page - Cypress Semiconductor CY8C28XXX Datasheet HTML 6Page - Cypress Semiconductor CY8C28XXX Datasheet HTML 7Page - Cypress Semiconductor CY8C28XXX Datasheet HTML 8Page - Cypress Semiconductor CY8C28XXX Datasheet HTML 9Page - Cypress Semiconductor CY8C28XXX Datasheet HTML 10Page - Cypress Semiconductor CY8C28XXX Datasheet HTML 11Page - Cypress Semiconductor CY8C28XXX Datasheet HTML 12Page - Cypress Semiconductor CY8C28XXX Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
CY8C21123, CY8C21223, CY8C21323
Document Number: 38-12022 Rev. *Q
Page 9 of 43
Table 4. Pin Definitions – CY8C21223 16-Pin QFN with no E-Pad[3]
Pin
No.
Type
Pin
Name
Description
Figure 5. CY8C21223 16-Pin QFN
Digital
Analog
1
I/O
I
P0[3]
Analog column mux input
2
I/O
I
P0[1]
Analog column mux input
3
I/O
P1[7]
I2C SCL
4
I/O
P1[5]
I2C SDA
5
I/O
P1[3]
6
I/O
P1[1]
I2C SCL, ISSP-SCLK[3]
7
Power
VSS
Ground connection
8
I/O
P1[0]
I2C SDA, ISSP-SDATA[3]
9
I/O
P1[6]
10
I/O
P1[4]
EXTCLK
11
Input
XRES
Active high external reset with internal
pull-down
12
I/O
I
P0[4]
VREF
13
Power
VDD
Supply voltage
14
I/O
I
P0[7]
Analog column mux input
15
I/O
I
P0[5]
Analog column mux input
16
NC
No connect
LEGEND A = Analog, I = Input, and O = Output.
QFN
(Top View)
1
2
3
4
12
11
10
9
P0[4], VREF
XRES
P1[4]
P1[6]
AI, P0[3]
AI, P0[1]
I2C SCL, P1[7]
I2C SDA, P1[5]
Notes
3. These are the ISSP pins, which are not high Z at POR (power on reset). See the PSoC Technical Reference Manual for details.
4. The center pad on the QFN package must be connected to ground (Vss) for best mechanical, thermal, and electrical performance. If not connected to ground, it
must be electrically floated and not connected to any other signal.
[+] Feedback


Similar Part No. - CY8C28XXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C28XXX CYPRESS-CY8C28XXX Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C28XXX CYPRESS-CY8C28XXX Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C28XXX CYPRESS-CY8C28XXX Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C28XXX CYPRESS-CY8C28XXX Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C28XXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634 CYPRESS-CY8C21634_10 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21345_1105 CYPRESS-CY8C21345_1105 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634B CYPRESS-CY8C21634B Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com