Part Name
         Description
CY8C5566AXI-061

 Programmable System-on-Chip (PSoC) DC to 67 MHz operation ( 114 Page)


CYPRESS
100% 
Zoom Out Zoom In
 84 page
background image
PRELIMINARY
PSoC® 5: CY8C55 Family Datasheet
Document Number: 001-66235 Rev. *A
Page 84 of 114
Figure 11-30. IDAC INL vs Input Code, Range = 255 µA,
Source Mode
Figure 11-31. IDAC INL vs Input Code, Range = 255 µA, Sink
Mode
IDD
Operating current, code = 0
Slow mode, source mode, range =
31.875 µA
44
100
µA
Slow mode, source mode, range =
255 µA,
33
100
µA
Slow mode, source mode, range =
2.04 mA
33
100
µA
Slow mode, sink mode, range =
31.875 µA
36
100
µA
Slow mode, sink mode, range =
255 µA
33
100
µA
Slow mode, sink mode, range =
2.04 mA
33
100
µA
Fast mode, source mode, range =
31.875 µA
310
500
µA
Fast mode, source mode, range =
255 µA
305
500
µA
Fast mode, source mode, range =
2.04 mA
305
500
µA
Fast mode, sink mode, range =
31.875 µA
310
500
µA
Fast mode, sink mode, range =
255 µA
300
500
µA
Fast mode, sink mode, range =
2.04 mA
300
500
µA
Table 11-33. IDAC DC Specifications (continued)
Parameter
Description
Conditions
Min
Typ
Max
Units



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl