Part Name
         Description
CY8C5566AXI-061

 Programmable System-on-Chip (PSoC) DC to 67 MHz operation ( 114 Page)


CYPRESS
100% 
Zoom Out Zoom In
 70 page
background image
PRELIMINARY
PSoC® 5: CY8C55 Family Datasheet
Document Number: 001-66235 Rev. *A
Page 70 of 114
11.4.3 USBIO
For operation in GPIO mode, the standard range for VDDD applies, see Device Level Specifications on page 60.
Figure 11-13. USBIO Output High Voltage and Current, GPIO
Mode
Figure 11-14. USBIO Output Low Voltage and Current, GPIO
Mode
Table 11-13. USBIO DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Rusbi
USB D+ pull-up resistance
With idle bus
0.900
1.575
k
Ω
Rusba
USB D+ pull-up resistance
While receiving traffic
1.425
3.090
k
Ω
Vohusb
Static output high
15 k
Ω ±5% to Vss, internal pull-up
enabled
2.8
3.6
V
Volusb
Static output low
15 k
Ω ±5% to Vss, internal pull-up
enabled
0.3
V
Vihgpio
Input voltage high, GPIO mode
VDDD ≥ 3 V
2
V
Vilgpio
Input voltage low, GPIO mode
VDDD ≥ 3 V
0.8
V
Vohgpio
Output voltage high, GPIO mode
IOH = 4 mA, VDDD ≥ 3 V
2.4
V
Volgpio
Output voltage low, GPIO mode
IOL = 4 mA, VDDD ≥ 3 V
0.3
V
Vdi
Differential input sensitivity
|(D+)–(D–)|
0.2
V
Vcm
Differential input common mode range
0.8
2.5
V
Vse
Single ended receiver threshold
0.8
2
V
Rps2
PS/2 pull-up resistance
In PS/2 mode, with PS/2 pull-up
enabled
3
7
k
Ω
Rext
External USB series resistor
In series with each USB pin
21.78
(–1%)
22
22.22
(+1%)
Ω
Zo
USB driver output impedance
Including Rext
28
44
Ω
CIN
USB transceiver input capacitance
20
pF
IIL
Input leakage current (absolute value) 25 °C, VDDD = 3.0 V
2
nA



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl