Part Name
         Description
CY8C5566AXI-061

 Programmable System-on-Chip (PSoC) DC to 67 MHz operation ( 114 Page)


CYPRESS
100% 
Zoom Out Zoom In
 65 page
background image
PRELIMINARY
PSoC® 5: CY8C55 Family Datasheet
Document Number: 001-66235 Rev. *A
Page 65 of 114
11.4 Inputs and Outputs
Specifications are valid for –40 °C
≤ T
A ≤ 85 °C and TJ ≤ 100 °C, except where noted. Specifications are valid for 2.7 V to 5.5 V, except
where noted. Unless otherwise specified, all charts and graphs show typical values.
11.4.1 GPIO
Note
22. Based on device characterization (Not production tested).
Table 11-8. Recommended External Components for Boost Circuit
Parameter
Description
Conditions
Min
Typ
Max
Units
LBOOST
Boost inductor
4.7
10
47
µH
CBOOST
Filter capacitor[22]
10
22
47
µF
IF
External Schottky diode
average forward current
External Schottky diode is required for
VOUT > 3.6 V
1
A
VR
20
V
Table 11-9. GPIO DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VIH
Input voltage high threshold
CMOS Input, PRT[x]CTL = 0
0.7
× V
DDIO
––
V
VIL
Input voltage low threshold
CMOS Input, PRT[x]CTL = 0
0.3
×
VDDIO
V
VIH
Input voltage high threshold
LVTTL Input, PRT[x]CTL = 1
2.0
V
VIL
Input voltage low threshold
LVTTL Input, PRT[x]CTL = 1
0.8
V
VOH
Output voltage high
IOH = 4 mA at 3.3 VDDIO
VDDIO – 0.6
V
VOL
Output voltage low
IOL = 8 mA at 3.3 VDDIO
––
0.6
V
Rpullup
Pull-up resistor
3.5
5.6
8.5
k
Ω
Rpulldown Pull-down resistor
3.5
5.6
8.5
k
Ω
IIL
Input leakage current (absolute
value)[22]
25 °C, VDDIO = 3.0 V
2
nA
CIN
Input capacitance[22]
GPIOs without opamp outputs
7
pF
GPIOs with opamp outputs
18
pF
VH
Input voltage hysteresis
(Schmitt-Trigger)[22]
–40
mV
Idiode
Current through protection diode
to VDDIO and VSSIO
––
100
µA
Rglobal
Resistance pin to analog global bus
25 °C, VDDIO = 3.0 V
320
Ω
Rmux
Resistance pin to analog mux bus 25 °C, VDDIO = 3.0 V
220
Ω



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl