Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C5467LTI-007 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C5467LTI-007
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C5467LTI-007 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C5467LTI-007 Datasheet HTML 1Page - Cypress Semiconductor CY8C5467LTI-007 Datasheet HTML 2Page - Cypress Semiconductor CY8C5467LTI-007 Datasheet HTML 3Page - Cypress Semiconductor CY8C5467LTI-007 Datasheet HTML 4Page - Cypress Semiconductor CY8C5467LTI-007 Datasheet HTML 5Page - Cypress Semiconductor CY8C5467LTI-007 Datasheet HTML 6Page - Cypress Semiconductor CY8C5467LTI-007 Datasheet HTML 7Page - Cypress Semiconductor CY8C5467LTI-007 Datasheet HTML 8Page - Cypress Semiconductor CY8C5467LTI-007 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 105 page
background image
PRELIMINARY
PSoC® 5: CY8C54 Family Datasheet
Document Number: 001-66238 Rev. *A
Page 4 of 105
Figure 1-1 illustrates the major components of the CY8C54
family. They are:
ARM Cortex-M3 CPU subsystem
Nonvolatile subsystem
Programming, debug, and test subsystem
Inputs and outputs
Clocking
Power
Digital subsystem
Analog subsystem
PSoC’s digital subsystem provides half of its unique
configurability. It connects a digital signal from any peripheral to
any pin through the digital system interconnect (DSI). It also
provides functional flexibility through an array of small, fast, low
power UDBs. PSoC Creator provides a library of pre-built and
tested standard digital peripherals (UART, SPI, LIN, PRS, CRC,
timer, counter, PWM, AND, OR, and so on) that are mapped to
the UDB array. The designer can also easily create a digital
circuit using boolean primitives by means of graphical design
entry. Each UDB contains programmable array logic
(PAL)/programmable logic device (PLD) functionality, together
with a small state machine engine to support a wide variety of
peripherals. In addition to the flexibility of the UDB array, PSoC
also provides configurable digital blocks targeted at specific
functions. For the CY8C54 fa mily these blocks can include four
16-bit timer, counter, and PWM blocks; I2C slave, master, and
multi-master; FS USB; and Full CAN 2.0b.
For more details on the peripherals see the “Example
Peripherals” section on page 31 of this data sheet. For
information on UDBs, DSI, and other digital blocks, see the
“Digital Subsystem” section on page 31 of this data sheet.
PSoC’s analog subsystem is the second half of its unique
configurability. All analog performance is based on a highly
accurate absolute voltage reference with less than 1% error over
temperature and voltage. The configurable analog subsystem
includes:
Analog muxes
Comparators
Analog mixers
Voltage references
ADCs
DACs
DFB
All GPIO pins can route analog signals into and out of the device
using the internal analog bus. This allows the device to interface
up to 62 discrete analog signals.
The CY8C54 family offers two successive approximation
register (SAR) ADCs. Featuring 12-bit conversions at up to 1 M
samples per second, they also offer low nonlinearity and offset
errors and SNR better than 70 dB. They are well suited for a
variety of higher speed analog applications.
The output of either ADC can optionally feed the programmable
DFB via DMA without CPU intervention. The designer can
configure the DFB to perform IIR and FIR digital filters and
several user defined custom functions. The DFB can implement
filters with up to 64 taps. It can perform a 48-bit
multiply-accumulate (MAC) operation in one clock cycle.
Four high speed voltage or current DACs support 8-bit output
signals at an update rate of up to 8 Msps. They can be routed
out of any GPIO pin. You can create higher resolution voltage
DAC outputs using the UDB array. This can be used to create a
pulse width modulated (PWM) DAC of up to 10 bits, at up to
48 kHz. The digital DACs in each UDB support PWM, PRS, or
delta-sigma algorithms with programmable widths.
In addition to the ADCs, DACs, and DFB, the analog subsystem
provides multiple:
Comparators
Uncommitted opamps
Configurable switched capacitor/continuous time (SC/CT)
blocks. These support:
Transimpedance amplifiers
Programmable gain amplifiers
Mixers
Other similar analog components
See the “Analog Subsystem” section on page 44 of this data
sheet for more details.
PSoC’s CPU subsystem is built around a 32-bit three-stage
pipelined ARM Cortex-M3 processor running at up to 67 MHz.
The Cortex-M3 includes a tightly integrated nested vectored
interrupt controller (NVIC) and various debug and trace modules.
The overall CPU subsystem includes a DMA controller, flash
cache, and RAM. The NVIC provides low latency, nested
interrupts, and tail-chaining of interrupts and other features to
increase the efficiency of interrupt handling. The DMA controller
enables peripherals to exchange data without CPU involvement.
This allows the CPU to run slower (saving power) or use those
CPU cycles to improve the performance of firmware algorithms.
The flash cache also reduces system power consumption by
allowing less frequent flash access.
PSoC’s nonvolatile subsystem consists of flash and
byte-writeable EEPROM. It provides up to 256 KB of on-chip
flash. The CPU can reprogram individual blocks of flash,
enabling boot loaders. A powerful and flexible protection model
secures the user's sensitive information, allowing selective
memory block locking for read and write protection. Two KB of
byte-writable EEPROM is available on-chip to store application
data.
The three types of PSoC I/O are extremely flexible. All I/Os have
many drive modes that are set at POR. PSoC also provides up
to four I/O voltage domains through the VDDIO pins. Every GPIO
has analog I/O, LCD drive, flexible interrupt generation, slew rate
control, and digital I/O capability. The SIOs on PSoC allow VOH
to be set independently of VDDIO when used as outputs. When
SIOs are in input mode they are high impedance. This is true
even when the device is not powered or when the pin voltage
goes above the supply voltage. This makes the SIO ideally suited
for use on an I2C bus where the PSoC may not be powered when
other devices on the bus are. The SIO pins also have high
current sink capability for applications such as LED drives. The
programmable input threshold feature of the SIO can be used to
[+] Feedback


Similar Part No. - CY8C5467LTI-007

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C5467LTI-007 CYPRESS-CY8C5467LTI-007 Datasheet
4Mb / 105P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C5467LTI-007

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C53 CYPRESS-CY8C53_11 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C55_1106 CYPRESS-CY8C55_1106 Datasheet
4Mb / 114P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C52_1106 CYPRESS-CY8C52_1106 Datasheet
3Mb / 95P
   Programmable System-on-Chip (PSoC) DC to 40 MHz operation
CY8C32_1105 CYPRESS-CY8C32_1105 Datasheet
3Mb / 120P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C34_1105 CYPRESS-CY8C34_1105 Datasheet
4Mb / 127P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com