Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C5365LTI-104 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C5365LTI-104
Description  Programmable System-on-Chip (PSoC) DC to 67 MHz operation
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C5365LTI-104 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C5365LTI-104 Datasheet HTML 5Page - Cypress Semiconductor CY8C5365LTI-104 Datasheet HTML 6Page - Cypress Semiconductor CY8C5365LTI-104 Datasheet HTML 7Page - Cypress Semiconductor CY8C5365LTI-104 Datasheet HTML 8Page - Cypress Semiconductor CY8C5365LTI-104 Datasheet HTML 9Page - Cypress Semiconductor CY8C5365LTI-104 Datasheet HTML 10Page - Cypress Semiconductor CY8C5365LTI-104 Datasheet HTML 11Page - Cypress Semiconductor CY8C5365LTI-104 Datasheet HTML 12Page - Cypress Semiconductor CY8C5365LTI-104 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-66237 Rev. *A
Page 9 of 106
Figure 2-4. Example PCB Layout for 100-Pin TQFP Part for Optimal Analog Performance
3. Pin Descriptions
IDAC0, IDAC2. Low resistance output pin for high current DACs
(IDAC).
OpAmp0out, OpAmp2out. High current output of uncommitted
opamp[5].
Extref0, Extref1. External reference input to the analog system.
OpAmp0-, OpAmp2-. Inverting input to uncommitted opamp.
OpAmp0+, OpAmp2+. Noninverting
input
to
uncommitted
opamp.
GPIO. General purpose I/O pin provides interfaces to the CPU,
digital peripherals, analog peripherals, interrupts, LCD segment
drive, and CapSense[5].
Ind. Inductor connection to boost pump.
kHz XTAL: Xo, kHz XTAL: Xi. 32.768 kHz crystal oscillator pin.
MHz XTAL: Xo, MHz XTAL: Xi. 4 to 25 MHz crystal oscillator
pin. If a crystal is not used then Xi must be shorted to ground and
Xo must be left floating.
SIO. Special I/O provides interfaces to the CPU, digital
peripherals and interrupts with a programmable high threshold
voltage, analog comparator, high sink current, and high
impedance state when the device is unpowered.
SWDCK. Serial Wire Debug Clock programming and debug port
connection.
SWDIO. Serial Wire Debug Input and Output programming and
debug port connection.
SWV. Single Wire Viewer output.
USBIO, D+. Provides D+ connection directly to a USB 2.0 bus.
May be used as a digital I/O pin; it is powered from VDDD instead
of from a VDDIO. Pins are Do Not Use (DNU) on devices without
USB.
USBIO, D-. Provides D- connection directly to a USB 2.0 bus.
May be used as a digital I/O pin; it is powered from VDDD instead
of from a VDDIO. Pins are DNU on devices without USB.
VBOOST. Power sense connection to boost pump.
VBAT. Battery supply to boost pump.
VCCA. Output of analog core regulator and input to analog core.
Requires a 1 µF capacitor to VSSA. Regulator output not for
external use.
VCCD. Output of digital core regulator and input to digital core.
The two VCCD pins must be shorted together, with the trace
between them as short as possible, and a 1 µF capacitor to VSSD;
see Power System on page 22. Regulator output not for external
use.
VDDA. Supply for all analog peripherals and analog core
regulator. VDDA must be the highest voltage present on the
device. All other supply pins must be less than or equal to
VDDA.
VDDD. Supply for all digital peripherals and digital core regulator.
VDDD must be less than or equal to VDDA.
VSSA. Ground for all analog peripherals.
VSSB. Ground connection for boost pump.
VSSD. Ground for all digital logic and I/O pins.
VDDIO0, VDDIO1, VDDIO2, VDDIO3. Supply for I/O pins. Each
VDDIO must be tied to a valid operating voltage (2.7 V to 5.5 V),
and must be less than or equal to VDDA.
XRES. External reset pin. Active low with internal pull-up.
Vddd
Vssd
Vdda
Vssa
Vssd
Plane
Vssa
Plane
Note
5. GPIOs with opamp outputs are not recommended for use with CapSense
[+] Feedback


Similar Part No. - CY8C5365LTI-104

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C53 CYPRESS-CY8C53 Datasheet
2Mb / 102P
   Programmable System-on-Chip (PSoC )
CY8C5385AXI-015 CYPRESS-CY8C5385AXI-015 Datasheet
2Mb / 102P
   Programmable System-on-Chip (PSoC )
CY8C5385AXI-025 CYPRESS-CY8C5385AXI-025 Datasheet
2Mb / 102P
   Programmable System-on-Chip (PSoC )
CY8C5385AXI-043 CYPRESS-CY8C5385AXI-043 Datasheet
2Mb / 102P
   Programmable System-on-Chip (PSoC )
CY8C5385AXI-096 CYPRESS-CY8C5385AXI-096 Datasheet
2Mb / 102P
   Programmable System-on-Chip (PSoC )
More results

Similar Description - CY8C5365LTI-104

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C54_1106 CYPRESS-CY8C54_1106 Datasheet
3Mb / 105P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C55_1106 CYPRESS-CY8C55_1106 Datasheet
4Mb / 114P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C52_1106 CYPRESS-CY8C52_1106 Datasheet
3Mb / 95P
   Programmable System-on-Chip (PSoC) DC to 40 MHz operation
CY8C32_1105 CYPRESS-CY8C32_1105 Datasheet
3Mb / 120P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C34_1105 CYPRESS-CY8C34_1105 Datasheet
4Mb / 127P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com