Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3446AXI-105 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY8C3446AXI-105
Description  Programmable System-on-Chip (PSoC) DC to 50 MHz operation
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3446AXI-105 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY8C3446AXI-105 Datasheet HTML 1Page - Cypress Semiconductor CY8C3446AXI-105 Datasheet HTML 2Page - Cypress Semiconductor CY8C3446AXI-105 Datasheet HTML 3Page - Cypress Semiconductor CY8C3446AXI-105 Datasheet HTML 4Page - Cypress Semiconductor CY8C3446AXI-105 Datasheet HTML 5Page - Cypress Semiconductor CY8C3446AXI-105 Datasheet HTML 6Page - Cypress Semiconductor CY8C3446AXI-105 Datasheet HTML 7Page - Cypress Semiconductor CY8C3446AXI-105 Datasheet HTML 8Page - Cypress Semiconductor CY8C3446AXI-105 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 127 page
background image
PSoC® 3: CY8C34 Family
Data Sheet
Document Number: 001-53304 Rev. *L
Page 5 of 127
The device provides a PLL to generate system clock frequencies
up to 50 MHz from the IMO, external crystal, or external
reference clock. It also contains a separate, very low-power
Internal low-speed oscillator (ILO) for the sleep and watchdog
timers. A 32.768-kHz external watch crystal is also supported for
use in RTC applications. The clocks, together with
programmable clock dividers, provide the flexibility to integrate
most timing requirements.
The CY8C34 family supports a wide supply operating range from
1.71 V to 5.5 V. This allows operation from regulated supplies
such as 1.8 V ± 5 percent, 2.5 V ±10 percent, 3.3 V ± 10 percent,
or 5.0 V ± 10 percent, or directly from a wide range of battery
types. In addition, it provides an integrated high efficiency
synchronous boost converter that can power the device from
supply voltages as low as 0.5 V. This enables the device to be
powered directly from a single battery or solar cell. In addition,
you can use the boost converter to generate other voltages
required by the device, such as a 3.3-V supply for LCD glass
drive. The boost’s output is available on the VBOOST pin, allowing
other devices in the application to be powered from the PSoC.
PSoC supports a wide range of low-power modes. These include
a 200-nA hibernate mode with RAM retention and a 1-µA sleep
mode with RTC. In the second mode the optional 32.768-kHz
watch crystal runs continuously and maintains an accurate RTC.
Power to all major functional blocks, including the programmable
digital and analog peripherals, can be controlled independently
by firmware. This allows low-power background processing
when some peripherals are not in use. This, in turn, provides a
total device current of only 1.2 mA when the CPU is running at
6 MHz, or 0.8 mA running at 3 MHz.
The details of the PSoC power modes are covered in the “Power
System” section on page 28 of this data sheet.
PSoC uses JTAG (4-wire) or SWD (2-wire) interfaces for
programming, debug, and test. The 1-wire SWV may also be
used for ‘printf’ style debugging. By combining SWD and SWV,
you can implement a full debugging interface with just three pins.
Using these standard interfaces enables you to debug or
program the PSoC with a variety of hardware solutions from
Cypress or third party vendors. PSoC supports on-chip break
points and 4 KB instruction and data race memory for debug.
Details of the programming, test, and debugging interfaces are
discussed in the “Programming, Debug Interfaces, Resources”
section on page 60 of this data sheet.
2. Pinouts
The Vddio pin that supplies a particular set of pins is indicated
by the black lines drawn on the pinout diagrams in Figure 2-1
through Figure 2-4. Using the Vddio pins, a single PSoC can
support multiple interface voltage levels, eliminating the need for
off-chip level shifters. Each Vddio may sink up to 100 mA total to
its associated I/O pins and opamps. On the 68-pin and 100-pin
devices each set of Vddio associated pins may sink up to 100
mA. The 48-pin device may sink up to 100 mA total for all Vddio0
plus Vddio2 associated I/O pins and 100 mA total for all Vddio1
plus Vddio3 associated I/O pins.
Figure 2-1. 48-pin SSOP Part Pinout
SSOP
Vssa
(SIO) P12[3]
247
Vcca
(OpAmp2out, GPIO) P0[0]
346
P15[3] (GPIO, kHz XTAL: Xi)
(OpAmp0out, GPIO) P0[1]
445
P12[0] (SIO, I2C1: SCL)
Vddio0
742
P12[1] (SIO, I2C1: SDA)
643
(OpAmp0-/Extref0, GPIO) P0[3]
P15[1] (GPIO, MHz XTAL: Xi)
(OpAmp2-, GPIO) P0[5]
940
P15[0] (GPIO, MHz XTAL: Xo)
(IDAC0, GPIO) P0[6]
10
39
Vccd
(IDAC2, GPIO) P0[7]
11
38
Vssd
Vccd
12
37
Vddd
Vssd
13
36
P15[7] (USBIO, D-, SWDCK)
Vddd
14
35
P15[6] (USBIO, D+, SWDIO)
(GPIO) P2[3]
15
34
P1[7] (GPIO)
(GPIO) P2[4]
16
33
P1[6] (GPIO)
Vddio2
17
32
Vddio1
(GPIO) P2[5]
18
31
P1[5] (GPIO, nTRST)
(GPIO) P2[6]
19
30
P1[4] (GPIO, TDI)
(GPIO) P2[7]
20
29
P1[3] (GPIO, TDO, SWV)
Vssb
21
28
Ind
22
27
P1[1] (GPIO, TCK, SWDCK)
Vboost
23
26
P1[0] (GPIO, TMS, SWDIO)
Vbat
24
25
Vdda
(SIO) P12[2]
148
Vddio3
(OpAmp2+, GPIO) P0[4]
841
P15[2] (GPIO, kHz XTAL: Xo)
(OpAmp0+, GPIO) P0[2]
544
Lines show
Vddio to I/O
supply
association
P1[2] (GPIO, configurable XRES)
[6]
[6]
Note
6. Pins are Do Not Use (DNU) on devices without USB. The pin must be left floating.


Similar Part No. - CY8C3446AXI-105

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C3446AXI-105 CYPRESS-CY8C3446AXI-105 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C3446AXI-105 CYPRESS-CY8C3446AXI-105 Datasheet
3Mb / 130P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C3446AXI-105

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C32_1105 CYPRESS-CY8C32_1105 Datasheet
3Mb / 120P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C52_1106 CYPRESS-CY8C52_1106 Datasheet
3Mb / 95P
   Programmable System-on-Chip (PSoC) DC to 40 MHz operation
CY8C54_1106 CYPRESS-CY8C54_1106 Datasheet
3Mb / 105P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C55_1106 CYPRESS-CY8C55_1106 Datasheet
4Mb / 114P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C53 CYPRESS-CY8C53_11 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com