Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C5247LTI-089 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C5247LTI-089
Description  Programmable System-on-Chip (PSoC) DC to 40 MHz operation
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C5247LTI-089 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C5247LTI-089 Datasheet HTML 5Page - Cypress Semiconductor CY8C5247LTI-089 Datasheet HTML 6Page - Cypress Semiconductor CY8C5247LTI-089 Datasheet HTML 7Page - Cypress Semiconductor CY8C5247LTI-089 Datasheet HTML 8Page - Cypress Semiconductor CY8C5247LTI-089 Datasheet HTML 9Page - Cypress Semiconductor CY8C5247LTI-089 Datasheet HTML 10Page - Cypress Semiconductor CY8C5247LTI-089 Datasheet HTML 11Page - Cypress Semiconductor CY8C5247LTI-089 Datasheet HTML 12Page - Cypress Semiconductor CY8C5247LTI-089 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 95 page
background image
PRELIMINARY
PSoC® 5: CY8C52 Family Datasheet
Document Number: 001-66236 Rev. *A
Page 9 of 95
4. CPU
4.1 ARM Cortex-M3 CPU
The CY8C52 family of devices has an ARM Cortex-M3 CPU core. The Cortex-M3 is a low power 32-bit three-stage pipelined Harvard
architecture CPU that delivers 1.25 DMIPS/MHz. It is intended for deeply embedded applications that require fast interrupt handling
features.
Figure 4-1. ARM Cortex-M3 Block Diagram
The Cortex-M3 CPU subsystem includes these features:
ARM Cortex-M3 CPU
Programmable nested vectored interrupt controller (NVIC),
tightly integrated with the CPU core
Full-featured debug and trace module, tightly integrated with
the CPU core
Up to 256 KB of flash memory, 2 KB of EEPROM, and 64 KB
of SRAM
Cache controller
Peripheral HUB (PHUB)
DMA controller
4.1.1 Cortex-M3 Features
The Cortex-M3 CPU features include:
4-GB address space. Predefined address regions for code,
data, and peripherals. Multiple buses for efficient and
simultaneous accesses of instructions, data, and peripherals.
Nested
Vectored
Interrupt
Controller
(NVIC)
Debug Block
(SWD)
Trace Port
Interface Unit
(TPIU)
Interrupt Inputs
SWD
SWV
Cortex M3 CPU Core
I- Bus
S-Bus
D- Bus
256 KB
Flash
Cache
32 KB
SRAM
DMA
AHB Bridge and Bus Matrix
PHUB
GPIO
Prog.
Digital
Prog.
Analog
Special
Functions
Peripherals
AHB Spokes
AHB
AHB
AHB
Bus
Matrix
Cortex M3 Wrapper
C- Bus
Bus
Matrix
32 KB
SRAM
Bus
Matrix
Data
Watchpoint and
Trace (DWT)
Instrumentation
Trace Module
(ITM)
Flash Patch and
Breakpoint
(FPB)


Similar Part No. - CY8C5247LTI-089

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C5247LTI-089 CYPRESS-CY8C5247LTI-089 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
CY8C5247LTI-089 CYPRESS-CY8C5247LTI-089 Datasheet
4Mb / 94P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C5247LTI-089

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C54_1106 CYPRESS-CY8C54_1106 Datasheet
3Mb / 105P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C55_1106 CYPRESS-CY8C55_1106 Datasheet
4Mb / 114P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C32_1105 CYPRESS-CY8C32_1105 Datasheet
3Mb / 120P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C34_1105 CYPRESS-CY8C34_1105 Datasheet
4Mb / 127P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C53 CYPRESS-CY8C53_11 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com