Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB0415 Datasheet(PDF) 8 Page - Protek Devices

Part # USB0415
Description  350 watt low capacitance tvs array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB0415 Datasheet(HTML) 8 Page - Protek Devices

  USB0415 Datasheet HTML 1Page - Protek Devices USB0415 Datasheet HTML 2Page - Protek Devices USB0415 Datasheet HTML 3Page - Protek Devices USB0415 Datasheet HTML 4Page - Protek Devices USB0415 Datasheet HTML 5Page - Protek Devices USB0415 Datasheet HTML 6Page - Protek Devices USB0415 Datasheet HTML 7Page - Protek Devices USB0415 Datasheet HTML 8Page - Protek Devices USB0415 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05205.R5 10/10
Page 8
USB0403 - USB0424C
taPe anD Reel
SPeCiFiCationS
Reel Dia.
taPe
wiDth
a0
B0
k0
D
e
F
w
P0
P2
P
tmax
178mm (7”)
8mm
3.10 ± 0.10 2.70 ± 0.10 1.35 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 4.00 ± 0.10
0.25
noteS
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 3,000 pieces per 8mm tape.
4. Suffix - T13 = 13” Reel - 10,000 pieces per 8mm tape.
5. Marking on Part - marking code (see page 2) and date code.
Package outline, pad layout and tape specifications per document number 06011.R4 8/10.
Top Cover Tape
K0
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed
Pin 1
t
oRDeRing inFoRMation
BaSe PaRt nUMBeR
(xx = voltage)
leaDFRee SUFFiX
taPe SUFFiX
Qty/Reel
Reel SiZe
tUBe Qty
USB04xx/USB04xxC
-LF
-T7
3000
7”
n/a
USB04xx/USB04xxC
-LF
-T13
10,000
13”
n/a


Similar Part No. - USB0415

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB0415 MICROSEMI-USB0415 Datasheet
184Kb / 2P
   TVSarray ??Series
logo
Protek Devices
USB0415 PROTEC-USB0415 Datasheet
117Kb / 5P
   LOW CAPACITANCE TVS ARRAY
USB0415 PROTEC-USB0415 Datasheet
101Kb / 5P
   LOW CAPACITANCE TVS ARRAY
USB0415 PROTEC-USB0415 Datasheet
901Kb / 9P
   350 WATT LOW CAPACITANCE TVS ARRAY
USB0415-LF-T7 PROTEC-USB0415-LF-T7 Datasheet
101Kb / 5P
   LOW CAPACITANCE TVS ARRAY
More results

Similar Description - USB0415

ManufacturerPart #DatasheetDescription
logo
Protek Devices
USB0403 PROTEC-USB0403_12 Datasheet
901Kb / 9P
   350 WATT LOW CAPACITANCE TVS ARRAY
PSLC03 PROTEC-PSLC03_11 Datasheet
898Kb / 9P
   350 WATT LOW CAPACITANCE TVS ARRAY
PSLC03 PROTEC-PSLC03_12 Datasheet
900Kb / 9P
   350 WATT LOW CAPACITANCE TVS ARRAY
PSMDA05-6 PROTEC-PSMDA05-6_11 Datasheet
504Kb / 6P
   350 WATT MULTI-LINE TVS ARRAY
PSMDA05-6 PROTEC-PSMDA05-6_12 Datasheet
506Kb / 6P
   350 WATT MULTI-LINE TVS ARRAY
SLVU2.8-8G PROTEC-SLVU2.8-8G Datasheet
690Kb / 8P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8 PROTEC-SLVU2.8_11 Datasheet
960Kb / 9P
   600 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LC PROTEC-PSOT03LC_12 Datasheet
887Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PLC496 PROTEC-PLC496_11 Datasheet
789Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LC PROTEC-PSOT03LC_11 Datasheet
886Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com